Electronic Components Datasheet Search
  English  ▼

X  

INA1650 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA1650
Description  SoundPlus High Common-Mode Rejection Line Receivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA1650 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA1650 Datasheet HTML 2Page - Texas Instruments INA1650 Datasheet HTML 3Page - Texas Instruments INA1650 Datasheet HTML 4Page - Texas Instruments INA1650 Datasheet HTML 5Page - Texas Instruments INA1650 Datasheet HTML 6Page - Texas Instruments INA1650 Datasheet HTML 7Page - Texas Instruments INA1650 Datasheet HTML 8Page - Texas Instruments INA1650 Datasheet HTML 9Page - Texas Instruments INA1650 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
INA1650, INA1651
SBOS818A – DECEMBER 2016 – REVISED SEPTEMBER 2018
www.ti.com
Product Folder Links: INA1650 INA1651
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
(1)
Full-power bandwidth = SR / (2π × VP), where SR = slew rate.
(2)
Specified by design and characterization.
6.5
Electrical Characteristics:
at TA = 25°C, VS = ±2.25 V to ±18 V, VCM = VOUT = midsupply, and RL = 2 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUDIO PERFORMANCE
THD+N
Total harmonic distortion +
noise
VO = 3 VRMS, f = 1kHz, 90-kHz measurement bandwidth, VS =
±18 V
0.00039%
–108.1
dB
VIN = 22 dBu (9.7516 VRMS) , FIN = 1 kHz, VS = ±18 V,
90-kHz measurement bandwidth
0.000174%
–115.2
dB
IMD
Intermodulation distortion
SMPTE and DIN two-tone, 4:1 (60 Hz and 7 kHz)
VO = 3 VRMS, 90-kHz measurement bandwidth
0.0005%
–106.1
dB
CCIF twin-tone (19 kHz and 20 kHz),
VO = 3 VRMS, 90-kHz measurement bandwidth
0.00066%
–103.6
dB
AC PERFORMANCE
BW
Small-signal bandwidth
2.7
MHz
SR
Slew rate
10
V/μs
Full-power bandwidth(1)
VO = 1 VP
1.59
MHz
PM
Phase margin
CL = 20 pF
71°
CL = 200 pF
54°
ts
Settling time
To 0.01%, Vs = ±18 V, 10-V step
2.2
μs
Overload recovery time
330
ns
Channel separation
f = 1 kHz, REF and COM pins connected to ground
140
dB
f = 1 kHz, REF and COM pins connected to VMID(OUT)
130
dB
EMI/RFI filter corner frequency
80
MHz
NOISE
Output voltage noise
f = 20 Hz to 20 kHz, no weighting
4.5
μVRMS
–104.7
dBu
en
Output voltage noise density(2)
f = 100 Hz
47
nV/
√Hz
f = 1 kHz
31
OFFSET VOLTAGE
VOS
Output offset voltage
±1
±3
mV
TA = –40°C to 125°C
(2)
±4
dVOS/dT
Output offset voltage drift(2)
TA = –40°C to 125°C
2
7
μV/°C
PSRR
Power-supply rejection ratio
2
μV/V
GAIN
Gain
1
V/V
Gain error
0.04%
0.05%
TA = –40°C to 125°C
(2)
0.05%
0.06%
Gain nonlinearity
VS = ±18 V, –10 V < VO < 10 V
(2)
1
5
ppm
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
(V–) + 0.25
(V+) – 2
V
CMRR
Common-mode rejection ratio
(V–) + 0.25 V
≤ VCM ≤ (V+) – 2 V, REF and COM pins
connected to ground, VS = ±18 V
85
91
dB
TA = –40°C to 125°C
(2)
82
89
(V–) + 0.25 V
≤ VCM ≤ (V+) – 2 V, REF and COM pins
connected to VMID(OUT), VS = ±18 V
82
86
TA = –40°C to 125°C
(2)
76
84
CMRR
Common-mode rejection ratio
(V–) + 0.25 V
≤ VCM ≤ (V+) – 2 V, REF and COM pins
connected to ground, VS = ±18 V, RS mismatch = 20 Ω
84
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com