Electronic Components Datasheet Search
  English  ▼

X  

INA1650 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA1650
Description  SoundPlus High Common-Mode Rejection Line Receivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA1650 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA1650 Datasheet HTML 5Page - Texas Instruments INA1650 Datasheet HTML 6Page - Texas Instruments INA1650 Datasheet HTML 7Page - Texas Instruments INA1650 Datasheet HTML 8Page - Texas Instruments INA1650 Datasheet HTML 9Page - Texas Instruments INA1650 Datasheet HTML 10Page - Texas Instruments INA1650 Datasheet HTML 11Page - Texas Instruments INA1650 Datasheet HTML 12Page - Texas Instruments INA1650 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
10
100
1000
1
10
100
1k
10k
100k
Frequency (Hz)
C002
-140
-120
-100
-80
0.00001
0.0001
0.001
0.01
10
100
1k
10k
Frequency (Hz)
600-
Load
2-k
Load
C001
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
Frequency (Hz)
REF / COM Pins Connected to VMID(OUT)
REF / COM Pins Connected to Ground
C004
0
20
40
60
80
100
120
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
+PSRR
±PSRR
C004
-20
-15
-10
-5
0
5
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
C004
0
2
4
6
8
10
12
14
16
18
20
10k
100k
1M
10M
Frequency (Hz)
VS = +/- 18 V
VS = +/- 5 V
VS = +/- 2.25 V
C015
9
INA1650, INA1651
www.ti.com
SBOS818A – DECEMBER 2016 – REVISED SEPTEMBER 2018
Product Folder Links: INA1650 INA1651
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VOUT = midsupply, and RL = 2 kΩ (unless otherwise noted)
Figure 7. Frequency Response
Figure 8. Maximum Output Voltage vs Frequency
Figure 9. Common-Mode Rejection Ratio vs Frequency
Figure 10. Power Supply Rejection Ratio vs Frequency
Figure 11. Voltage Noise Spectral Density
3 VRMS, 90-kHz Measurement Bandwidth
Figure 12. THD+N vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com