Electronic Components Datasheet Search
  English  ▼

X  

AD5316R Datasheet(PDF) 7 Page - Analog Devices

Part # AD5316R
Description  Quad, 10-Bit nanoDAC Reference, I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5316R Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5316R Datasheet HTML 3Page - Analog Devices AD5316R Datasheet HTML 4Page - Analog Devices AD5316R Datasheet HTML 5Page - Analog Devices AD5316R Datasheet HTML 6Page - Analog Devices AD5316R Datasheet HTML 7Page - Analog Devices AD5316R Datasheet HTML 8Page - Analog Devices AD5316R Datasheet HTML 9Page - Analog Devices AD5316R Datasheet HTML 10Page - Analog Devices AD5316R Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
AD5316R
Rev. C | Page 7 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
12
11
10
1
3
4
A1
SCL
A0
9 VLOGIC
VOUTA
VDD
2
GND
VOUTC
AD5316R
NOTES
1. THE EXPOSED PAD MUST BE TIED TO GND.
TOP VIEW
(Not to Scale)
Figure 3. 16-Lead LFCSP Pin Configuration
1
2
3
4
5
6
7
8
VOUTB
VOUTA
GND
VOUTD
VOUTC
VDD
VREF
SDA
16
15
14
13
12
11
10
9
RESET
A1
SCL
GAIN
LDAC
VLOGIC
A0
RSTSEL
TOP VIEW
(Not to Scale)
AD5316R
Figure 4. 16-Lead TSSOP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
LFCSP
TSSOP
1
3
VOUTA
Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation.
2
4
GND
Ground Reference Point for All Circuitry on the Part.
3
5
VDD
Power Supply Input. The part can be operated from 2.7 V to 5.5 V. The supply should be decoupled
with a 10 µF capacitor in parallel with a 0.1 µF capacitor to GND.
4
6
VOUTC
Analog Output Voltage from DAC C. The output amplifier has rail-to-rail operation.
5
7
VOUTD
Analog Output Voltage from DAC D. The output amplifier has rail-to-rail operation.
6
8
SDA
Serial Data Input. This pin is used in conjunction with the SCL line to clock data into or out of the
24-bit input shift register. SDA is a bidirectional, open-drain data line that should be pulled to the
supply with an external pull-up resistor.
7
9
LDAC
LDAC can be operated in two modes, asynchronous update mode and synchronous update mode.
Pulsing this pin low allows any or all DAC registers to be updated if the input registers have new
data; all DAC outputs are simultaneously updated. This pin can also be tied permanently low.
8
10
GAIN
Gain Select Pin. When this pin is tied to GND, all four DAC outputs have a span of 0 V to VREF.
When this pin is tied to VLOGIC, all four DAC outputs have a span of 0 V to 2 × VREF.
9
11
VLOGIC
Digital Power Supply. Voltage ranges from 1.62 V to 5.5 V.
10
12
A0
Address Input. Sets the first LSB of the 7-bit slave address.
11
13
SCL
Serial Clock Line. This pin is used in conjunction with the SDA line to clock data into or out of the
24-bit input shift register.
12
14
A1
Address Input. Sets the second LSB of the 7-bit slave address.
13
15
RESET
Asynchronous Reset Input. The RESET input is falling edge sensitive. When RESET is activated (low), the
input register and the DAC register are updated with zero scale or midscale, depending on the
state of the RSTSEL pin. When RESET is low, all LDAC pulses are ignored. If the pin is not used, tie it
permanently to VLOGIC. If the pin is forced low at power-up, the POR circuit does not initialize correctly
until the pin is released.
14
16
RSTSEL
Power-On Reset Pin. When this pin is tied to GND, all four DACs are powered up to zero scale.
When this pin is tied to VLOGIC, all four DACs are powered up to midscale.
15
1
VREF
Reference Voltage. The AD5316R has an internal reference. When the internal reference is used,
VREF is the reference output pin. When an external reference is used, VREF is the reference input
pin. By default, the internal reference is used, and this pin is a reference output.
16
2
VOUTB
Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation.
17
N/A
EPAD
Exposed Pad. The exposed pad must be tied to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com