Electronic Components Datasheet Search
  English  ▼

X  

AD5316R Datasheet(PDF) 17 Page - Analog Devices

Part # AD5316R
Description  Quad, 10-Bit nanoDAC Reference, I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5316R Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5316R Datasheet HTML 13Page - Analog Devices AD5316R Datasheet HTML 14Page - Analog Devices AD5316R Datasheet HTML 15Page - Analog Devices AD5316R Datasheet HTML 16Page - Analog Devices AD5316R Datasheet HTML 17Page - Analog Devices AD5316R Datasheet HTML 18Page - Analog Devices AD5316R Datasheet HTML 19Page - Analog Devices AD5316R Datasheet HTML 20Page - Analog Devices AD5316R Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD5316R
Rev. C | Page 17 of 24
SERIAL INTERFACE
The AD5316R has a 2-wire, I2C-compatible serial interface (see
the I2C-Bus Specification, Version 2.1, January 2000, available
from Philips Semiconductor). See Figure 2 for a timing diagram
of a typical write sequence. The AD5316R can be connected to
an I2C bus as a slave device, under the control of a master device.
The AD5316R supports standard (100 kHz) and fast (400 kHz)
data transfer modes. Support is not provided for 10-bit address-
ing or general call addressing.
Input Shift Register
The input shift register of the AD5316R is 24 bits wide. Data
is loaded into the device, MSB first, as a 24-bit word under the
control of the serial clock input, SCL. The input shift register
consists of an 8-bit command byte and a 16-bit data-word (see
Figure 41). The first eight MSBs make up the command byte.
The first four bits of the command byte are the command
bits (C3, C2, C1, and C0), which control the mode of
operation of the device (see Table 8).
The last four bits of the command byte are the address bits
(DAC D, DAC C, DAC B, and DAC A), which select the
DAC that is operated on by the command (see Table 9).
Table 8. Command Definitions
Command Bits
C3
C2
C1
C0
Command
0
0
0
0
No operation
0
0
0
1
Write to Input Register n (dependent
on LDAC)
0
0
1
0
Update DAC Register n with contents
of Input Register n
0
0
1
1
Write to and update DAC Channel n
0
1
0
0
Power down/power up DAC
0
1
0
1
Hardware LDAC mask register
0
1
1
0
Software reset (power-on reset)
0
1
1
1
Internal reference setup register
1
X1
X1
X1
Reserved
1 X = don’t care.
Table 9. Address Bits and Selected DACs
Address Bits
Selected DAC Channels1
DAC D
DAC C
DAC B
DAC A
0
0
0
1
DAC A
0
0
1
0
DAC B
0
0
1
1
DAC A and DAC B
0
1
0
0
DAC C
0
1
0
1
DAC A and DAC C
0
1
1
0
DAC B and DAC C
0
1
1
1
DAC A, DAC B, and DAC C
1
0
0
0
DAC D
1
0
0
1
DAC A and DAC D
…
…
…
…
…
1
1
1
1
All DACs
1 Any combination of DAC channels can be selected using the address bits.
The 8-bit command byte is followed by two data bytes, which con-
tain the data-word. The data-word comprises the 10-bit input code,
followed by six don’t care bits (see Figure 41). The data bits are
transferred to the input register on the 24 falling edges of SCL.
Commands can be executed on one DAC channel, any two or
three DAC channels, or on all four DAC channels, depending
on the address bits selected (see Table 9).
WRITE AND UPDATE COMMANDS
For more information about the LDAC function, see the Load
DAC (Hardware LDAC Pin) section.
Write to Input Register n (Dependent on LDAC)
Command 0001 allows the user to write to each DAC’s
dedicated input register individually. When LDAC is low, the
input register is transparent (if not controlled by the LDAC
mask register).
Update DAC Register n with Contents of Input Register n
Command 0010 loads the DAC registers/outputs with the
contents of the input registers selected by the address bits
(see Table 9) and updates the DAC outputs directly.
Write to and Update DAC Channel n (Independent of LDAC)
Command 0011 allows the user to write to the DAC registers
and update the DAC outputs directly, independent of the state
of the LDAC pin.
DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C3
C2
C1
C0
DAC D DAC C DAC B DAC A
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
COMMAND
DAC ADDRESS
DAC DATA
DAC DATA
COMMAND BYTE
DATA HIGH BYTE
DATA LOW BYTE
Figure 41. Input Shift Register Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com