Electronic Components Datasheet Search
  English  ▼

X  

AD5316R Datasheet(PDF) 22 Page - Analog Devices

Part # AD5316R
Description  Quad, 10-Bit nanoDAC Reference, I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5316R Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5316R Datasheet HTML 16Page - Analog Devices AD5316R Datasheet HTML 17Page - Analog Devices AD5316R Datasheet HTML 18Page - Analog Devices AD5316R Datasheet HTML 19Page - Analog Devices AD5316R Datasheet HTML 20Page - Analog Devices AD5316R Datasheet HTML 21Page - Analog Devices AD5316R Datasheet HTML 22Page - Analog Devices AD5316R Datasheet HTML 23Page - Analog Devices AD5316R Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD5316R
Data Sheet
Rev. C | Page 22 of 24
INTERNAL REFERENCE SETUP
By default, the internal reference is on at power-up. To reduce
the supply current, the on-chip reference can be turned off.
Command 0111 is reserved for setting up the internal reference.
To turn off the internal reference, set the software programmable
bit, DB0, in the input shift register using Command 0111, as
shown in Table 16. Table 15 shows how the state of the DB0 bit
corresponds to the mode of operation.
Table 15. Internal Reference Setup Register
Internal Reference
Setup Register (Bit DB0)
Action
0
Reference on (default)
1
Reference off
SOLDER HEAT REFLOW
As with all IC reference voltage circuits, the reference value
experiences a shift induced by the soldering process. Analog
Devices, Inc., performs a reliability test called precondition to
mimic the effect of soldering a device to a board. The output
voltage specification in Table 2 includes the effect of this
reliability test.
Figure 46 shows the effect of solder heat reflow (SHR) as
measured through the reliability test (precondition).
60
0
10
20
30
40
50
2.498
2.499
2.500
2.501
2.502
VREF (V)
POSTSOLDER
HEAT REFLOW
PRESOLDER
HEAT REFLOW
Figure 46. SHR Reference Voltage Shift
LONG-TERM TEMPERATURE DRIFT
Figure 47 shows the change in the VREF (ppm) value after
1000 hours at 25°C ambient temperature.
ELAPSED TIME (Hours)
140
120
100
80
60
40
20
0
0
100
200
300
400
500
600
700
800
900
1000
–20
Figure 47. Reference Drift Through to 1000 Hours
THERMAL HYSTERESIS
Thermal hysteresis is the voltage difference induced on the
reference voltage by sweeping the temperature from ambient
to cold, then to hot, and then back to ambient.
Thermal hysteresis data is shown in Figure 48. It is measured by
sweeping the temperature from ambient to −40°C, then to +105°C,
and then back to ambient. The VREF delta is then measured between
the two ambient measurements (shown in blue in Figure 48). The
same temperature sweep and measurements were immediately
repeated, and the results are shown in red in Figure 48.
9
8
7
6
5
4
3
2
1
0
50
0
–50
–100
–150
–200
DISTORTION (ppm)
FIRST TEMPERATURE SWEEP
SUBSEQUENT TEMPERATURE SWEEPS
Figure 48. Thermal Hysteresis
Table 16. 24-Bit Input Shift Register Contents for Internal Reference Setup Command1
DB23 (MSB)
DB22
DB21
DB20
DB19 to DB16
DB15 to DB1
DB0 (LSB)
0
1
1
1
X
X
1 or 0
Command bits (C3 to C0)
Address bits (don’t care)
Don’t care
Reference setup register
1
X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com