Electronic Components Datasheet Search
  English  ▼

X  

AD5316R Datasheet(PDF) 20 Page - Analog Devices

Part # AD5316R
Description  Quad, 10-Bit nanoDAC Reference, I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5316R Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5316R Datasheet HTML 16Page - Analog Devices AD5316R Datasheet HTML 17Page - Analog Devices AD5316R Datasheet HTML 18Page - Analog Devices AD5316R Datasheet HTML 19Page - Analog Devices AD5316R Datasheet HTML 20Page - Analog Devices AD5316R Datasheet HTML 21Page - Analog Devices AD5316R Datasheet HTML 22Page - Analog Devices AD5316R Datasheet HTML 23Page - Analog Devices AD5316R Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD5316R
Data Sheet
Rev. C | Page 20 of 24
POWER-DOWN OPERATION
Command 0100 is designated for the power-down function.
The AD5316R provides three separate power-down modes
(see Table 11). These power-down modes are software program-
mable by setting Bit DB7 to Bit DB0 in the input shift register
(see Table 12). Two bits are associated with each DAC channel.
Table 11 shows how the state of these two bits corresponds to
the mode of operation of the device.
Table 11. Modes of Operation
Operating Mode
PDx1
PDx0
Normal Operation
0
0
Power-Down Modes
1 kΩ to GND
0
1
100 kΩ to GND
1
0
Three-State
1
1
Any or all DACs (DAC A to DAC D) can be powered down
to the selected mode by setting the corresponding bits in the
input shift register. See Table 12 for the contents of the input
shift register during the power-down/power-up operation.
When both Bit PDx1 and Bit PDx0 (where x is the DAC selected)
in the input shift register are set to 0, the part works normally
with its normal power consumption of 1.1 mA at 5 V. When Bit
PDx1, Bit PDx0, or both Bit PDx1 and Bit PDx0 are set to 1, the
part is in power-down mode. In power-down mode, the supply
current falls to 4 μA at 5 V.
In power-down mode, the output stage is internally switched
from the output of the amplifier to a resistor network of known
values. In this way, the output impedance of the part is known
when the part is in power-down mode.
Table 11 lists the three power-down options. The output is
connected internally to GND through either a 1 kΩ or a 100 kΩ
resistor, or it is left open-circuited (three-state). The output stage
is illustrated in Figure 44.
RESISTOR
NETWORK
VOUTX
DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER
Figure 44. Output Stage During Power-Down
The bias generator, output amplifier, resistor string, and other
associated linear circuitry are shut down when power-down
mode is activated. However, the contents of the DAC registers
are unaffected in power-down mode, and the DAC registers can
be updated while the device is in power-down mode. The time
required to exit power-down is typically 2.5 µs for VDD = 5 V.
To reduce the current consumption further, the on-chip reference
can be powered off (see the Internal Reference Setup section).
LOAD DAC (HARDWARE LDAC PIN)
The AD5316R DAC has double buffered interfaces consisting of
two banks of registers: input registers and DAC registers. The user
can write to any combination of the input registers (see Table 9).
Updates to the DAC registers are controlled by the LDAC pin.
SDA
SCL
VOUTX
DAC
REGISTER
INPUT SHIFT
REGISTER
OUTPUT
AMPLIFIER
LDAC
VREF
INPUT
REGISTER
10-BIT
DAC
Figure 45. Simplified Diagram of Input Loading Circuitry for a Single DAC
Table 12. 24-Bit Input Shift Register Contents for Power-Down/Power-Up Operation1
DB23
(MSB)
DB22
DB21
DB20
DB19 to DB16
DB15
to DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
(LSB)
0
1
0
0
X
X
PDD1
PDD0
PDC1
PDC0
PDB1
PDB0
PDA1
PDA0
Command bits (C3 to C0)
Address bits
(don’t care)
Don’t
care
Power-down
select, DAC D
Power-down
select, DAC C
Power-down
select, DAC B
Power-down
select, DAC A
1
X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com