Electronic Components Datasheet Search
  English  ▼

X  

AD5316R Datasheet(PDF) 23 Page - Analog Devices

Part # AD5316R
Description  Quad, 10-Bit nanoDAC Reference, I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5316R Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5316R Datasheet HTML 16Page - Analog Devices AD5316R Datasheet HTML 17Page - Analog Devices AD5316R Datasheet HTML 18Page - Analog Devices AD5316R Datasheet HTML 19Page - Analog Devices AD5316R Datasheet HTML 20Page - Analog Devices AD5316R Datasheet HTML 21Page - Analog Devices AD5316R Datasheet HTML 22Page - Analog Devices AD5316R Datasheet HTML 23Page - Analog Devices AD5316R Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
AD5316R
Rev. C | Page 23 of 24
APPLICATIONS INFORMATION
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5316R is via a serial
bus that uses a standard protocol that is compatible with DSP
processors and microcontrollers. The communications channel
requires a 2-wire interface consisting of a clock signal and a
data signal.
AD5316R TO ADSP-BF531 INTERFACE
The I2C interface of the AD5316R is designed for easy connec-
tion to industry-standard DSPs and microcontrollers. Figure 49
shows the AD5316R connected to the Analog Devices Blackfin®
processor. The Blackfin processor has an integrated I2C port
that can be connected directly to the I2C pins of the AD5316R.
ADSP-BF531
SCL
GPIO1
SDA
GPIO2
LDAC
PF9
RESET
PF8
AD5316R
Figure 49. AD5316R to ADSP-BF531 Interface
LAYOUT GUIDELINES
In any circuit where accuracy is important, careful consider-
ation of the power supply and ground return layout helps to
ensure the rated performance. The PCB on which the AD5316R
is mounted should be designed so that the AD5316R lies on the
analog plane.
The AD5316R should have ample supply bypassing of 10 μF
in parallel with 0.1 μF on each supply, located as close to the
package as possible, ideally right up against the device. The 10 μF
capacitor is the tantalum bead type. The 0.1 μF capacitor should
have low effective series resistance (ESR) and low effective series
inductance (ESI), such as the common ceramic types; these
capacitors provide a low impedance path to ground at high
frequencies to handle transient currents due to internal logic
switching.
In systems where many devices are on one board, it is often
useful to provide some heat sinking capability to allow the
power to dissipate easily.
The AD5316R LFCSP models have an exposed pad beneath the
device. Connect this pad to the GND supply for the part. For
optimum performance, use special considerations to design the
motherboard and to mount the package.
For enhanced thermal, electrical, and board level performance,
solder the exposed pad on the bottom of the LFCSP package
to the corresponding thermal land paddle on the PCB. Design
thermal vias into the PCB land paddle area to further improve
heat dissipation.
The GND plane on the device can be increased (as shown in
Figure 50) to provide a natural heat sinking effect.
AD5316R
GND
PLANE
BOARD
Figure 50. Paddle Connection to Board
GALVANICALLY ISOLATED INTERFACE
In many process control applications, it is necessary to provide
an isolation barrier between the controller and the unit being
controlled to protect and isolate the controlling circuitry from
any hazardous common-mode voltages that may occur.
The Analog Devices iCoupler® products provide voltage isolation
in excess of 2.5 kV. The serial loading structure of the AD5316R
makes the part ideal for isolated interfaces because the number of
interface lines is kept to a minimum. Figure 51 shows a 4-channel
isolated interface to the AD5316R using the ADuM1400. For
more information, visit http://www.analog.com/icouplers.
ENCODE
SERIAL
CLOCK IN
CONTROLLER
ADuM1400
SERIAL
DATA OUT
RESET OUT
LOAD DAC
OUT
DECODE
TO
SCL
TO
SDA
TO
RESET
TO
LDAC
VIA
VOA
ENCODE
DECODE
VIB
VOB
ENCODE
DECODE
VIC
VOC
ENCODE
DECODE
VID
VOD
Figure 51. Isolated Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com