Electronic Components Datasheet Search
  English  ▼

X  

AD5316R Datasheet(PDF) 8 Page - Analog Devices

Part # AD5316R
Description  Quad, 10-Bit nanoDAC Reference, I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5316R Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5316R Datasheet HTML 4Page - Analog Devices AD5316R Datasheet HTML 5Page - Analog Devices AD5316R Datasheet HTML 6Page - Analog Devices AD5316R Datasheet HTML 7Page - Analog Devices AD5316R Datasheet HTML 8Page - Analog Devices AD5316R Datasheet HTML 9Page - Analog Devices AD5316R Datasheet HTML 10Page - Analog Devices AD5316R Datasheet HTML 11Page - Analog Devices AD5316R Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5316R
Data Sheet
Rev. C | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
DEVICE 1
DEVICE 2
DEVICE 3
DEVICE 4
DEVICE 5
2.4980
2.4985
2.4990
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
VDD = 5V
Figure 5. Internal Reference Voltage vs. Temperature
90
0
10
20
30
40
50
60
70
80
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TEMPERATURE DRIFT (ppm/°C)
VDD = 5V
Figure 6. Reference Output Temperature Drift Histogram
1600
0
200
400
600
800
1000
1200
1400
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VDD = 5V
TA = 25°C
Figure 7. Internal Reference Noise Spectral Density vs. Frequency
CH1 2µV
M1.0s
1
VDD = 5V
TA = 25°C
Figure 8. Internal Reference Noise, 0.1 Hz to 10 Hz
2.5000
2.4999
2.4998
2.4997
2.4996
2.4995
2.4994
2.4993
–0.005
–0.003
–0.001
0.001
0.003
0.005
ILOAD (A)
VDD = 5V
TA = 25°C
Figure 9. Internal Reference Voltage vs. Load Current
2.5002
2.5000
2.4998
2.4996
2.4994
2.4992
2.4990
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
TA = 25°C
DEVICE 1
DEVICE 3
DEVICE 2
Figure 10. Internal Reference Voltage vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com