Electronic Components Datasheet Search
  English  ▼

X  

AD5316R Datasheet(PDF) 9 Page - Analog Devices

Part # AD5316R
Description  Quad, 10-Bit nanoDAC Reference, I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5316R Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5316R Datasheet HTML 5Page - Analog Devices AD5316R Datasheet HTML 6Page - Analog Devices AD5316R Datasheet HTML 7Page - Analog Devices AD5316R Datasheet HTML 8Page - Analog Devices AD5316R Datasheet HTML 9Page - Analog Devices AD5316R Datasheet HTML 10Page - Analog Devices AD5316R Datasheet HTML 11Page - Analog Devices AD5316R Datasheet HTML 12Page - Analog Devices AD5316R Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD5316R
Rev. C | Page 9 of 24
0.5
–0.5
–0.3
–0.1
0.1
0.3
0
156
312
468
624
780
936
CODE
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
Figure 11. INL
CODE
0.5
–0.5
–0.3
–0.1
0.1
0.3
CODE
0
156
312
468
624
780
936
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
Figure 12. DNL
0.15
–0.15
–0.12
–0.09
–0.06
–0.03
0
0.03
0.06
0.09
0.12
–40
110
60
10
TEMPERATURE (°C)
INL
DNL
VDD = 5V
INTERNAL REFERENCE = 2.5V
Figure 13. INL Error and DNL Error vs. Temperature
0.15
–0.15
–0.12
–0.09
–0.06
–0.03
0
0.03
0.06
0.09
0.12
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VREF (V)
INL
DNL
VDD = 5V
TA = 25°C
Figure 14. INL Error and DNL Error vs. VREF
0.15
–0.15
–0.12
–0.09
–0.06
–0.03
0
0.03
0.06
0.09
0.12
2.7
5.2
4.7
4.2
3.7
3.2
SUPPLY VOLTAGE (V)
INL
DNL
TA = 25°C
INTERNAL REFERENCE = 2.5V
Figure 15. INL Error and DNL Error vs. Supply Voltage
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
GAIN ERROR
FULL-SCALE ERROR
VDD = 5V
INTERNAL REFERENCE = 2.5V
Figure 16. Gain Error and Full-Scale Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com