Electronic Components Datasheet Search
  English  ▼

X  

AD5316R Datasheet(PDF) 16 Page - Analog Devices

Part # AD5316R
Description  Quad, 10-Bit nanoDAC Reference, I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5316R Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5316R Datasheet HTML 12Page - Analog Devices AD5316R Datasheet HTML 13Page - Analog Devices AD5316R Datasheet HTML 14Page - Analog Devices AD5316R Datasheet HTML 15Page - Analog Devices AD5316R Datasheet HTML 16Page - Analog Devices AD5316R Datasheet HTML 17Page - Analog Devices AD5316R Datasheet HTML 18Page - Analog Devices AD5316R Datasheet HTML 19Page - Analog Devices AD5316R Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD5316R
Data Sheet
Rev. C | Page 16 of 24
THEORY OF OPERATION
DIGITAL-TO-ANALOG CONVERTER
The AD5316R is a quad, 10-bit, serial input, voltage output DAC
with an internal reference. The part operates from supply
voltages of 2.7 V to 5.5 V. Data is written to the AD5316R in a
24-bit word format via a 2-wire serial interface. The AD5316R
incorporates a power-on reset circuit to ensure that the DAC
output powers up to a known output state. The device also has
a software power-down mode that reduces the typical current
consumption to 1 µA.
TRANSFER FUNCTION
The internal reference is on by default. Because the input coding
to the DAC is straight binary, the ideal output voltage when using
an external reference is given by


×
=
N
REF
OUT
D
Gain
V
V
2
where:
VREF is the value of the external reference.
Gain is the gain of the output amplifier and is set to 1 by default.
The gain can be set to 1 or 2 using the gain select pin. When the
GAIN pin is tied to GND, all four DAC outputs have a span of
0 V to VREF. When this pin is tied to VDD, all four DAC outputs
have a span of 0 V to 2 × VREF.
D is the decimal equivalent of the binary code that is loaded to
the DAC register (0 to 1023).
N is the DAC resolution (10 bits).
DAC ARCHITECTURE
The DAC architecture consists of a string DAC followed by an
output amplifier. Figure 39 shows a block diagram of the DAC
architecture.
INPUT
REGISTER
2.5V
REF
DAC
REGISTER
RESISTOR
STRING
REF (+)
VREF
GND
REF (–)
VOUTX
GAIN
(GAIN = 1 OR 2)
Figure 39. Single DAC Channel Architecture Block Diagram
The resistor string structure is shown in Figure 40. Each resistor
in the string has a value R. The code loaded to the DAC register
determines the node on the string from which the voltage is
tapped off and fed into the output amplifier. The voltage is
tapped off by closing one of the switches that connect the string
to the amplifier. Because the AD5316R is a string of resistors, it
is guaranteed monotonic.
R
R
R
R
R
TO OUTPUT
AMPLIFIER
VREF
Figure 40. Resistor String Structure
Internal Reference
The AD5316R on-chip reference is on at power-up but can be
disabled via a write to a control register. For more information,
see the Internal Reference Setup section.
The 2.5 V, 2 ppm/°C internal reference provides a full-scale
output of 2.5 V or 5 V, depending on the state of the GAIN pin.
The internal reference is available at the VREF pin. This buffered
reference is capable of driving external loads of up to 10 mA.
Output Amplifiers
The output buffer amplifier can generate rail-to-rail voltages on
its output for an output range of 0 V to VDD. The actual range
depends on the value of VREF, the GAIN pin, the offset error,
and the gain error. The GAIN pin selects the gain of the output.
•
When this pin is tied to GND, all four outputs have a gain
of 1, and the output range is from 0 V to VREF.
•
When this pin is tied to VDD, all four outputs have a gain
of 2, and the output range is from 0 V to 2 × VREF.
The output amplifiers are capable of driving a load of 1 kΩ in
parallel with 2 nF to GND. The slew rate is 0.8 V/µs with a ¼
to ¾ scale settling time of 5 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com