Electronic Components Datasheet Search
  English  ▼

X  

BMC156 Datasheet(PDF) 79 Page - Bosch Sensortec GmbH

Part # BMC156
Description  6-axis eCompassBMC156: Data sheet
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMC156 Datasheet(HTML) 79 Page - Bosch Sensortec GmbH

Back Button BMC156 Datasheet HTML 75Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 76Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 77Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 78Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 79Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 80Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 81Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 82Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 83Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 141 page
background image
Data sheet
eCompass BMC156
Page 79
BST-BMC156-DS000-01 | Revision 1.0 | July 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
6.9 Power modes
Register 0x11 (PMU_LPW)
Selection of the main power modes and the low power sleep period.
Name
0x11
PMU_LPW
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
suspend
lowpower_en
deep_suspend
sleep_dur<3>
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
sleep_dur<2:0>
reserved
suspend, low_power_en, deep_suspend:
Main power mode configuration setting {suspend; lowpower_en;
deep_suspend}:
{0; 0; 0} 
NORMAL mode;
{0; 0; 1} 
DEEP_SUSPEND mode;
{0; 1; 0} 
LOW_POWER mode;
{1; 0; 0} 
SUSPEND mode;
{all other} 
illegal
Please note that only certain power mode transitions are permitted.
Sleep_dur<3:0>: Configures the sleep phase duration in LOW_POWER mode:
´0000b´ to ´0101b´
0.5 ms,
´0110b´  1 ms,
´0111b´
2 ms,
´1000b´  4 ms,
´1001b´
6 ms,
´1010b´  10 ms,
´1011b´
25 ms,
´1100b´  50 ms,
´1101b´
100 ms,
´1110b´  500 ms,
´1111b´
1 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com