Electronic Components Datasheet Search
  English  ▼

X  

BMC156 Datasheet(PDF) 53 Page - Bosch Sensortec GmbH

Part # BMC156
Description  6-axis eCompassBMC156: Data sheet
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMC156 Datasheet(HTML) 53 Page - Bosch Sensortec GmbH

Back Button BMC156 Datasheet HTML 49Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 50Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 51Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 52Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 53Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 54Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 55Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 56Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 57Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 141 page
background image
Data sheet
eCompass BMC156
Page 53
BST-BMC156-DS000-01 | Revision 1.0 | July 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
4.7.10 High-g interrupt
This interrupt is based on the comparison of acceleration data against a high-g threshold for the
detection of shock or other high-acceleration events.
The high-g interrupt is enabled (disabled) per axis by writing “1” (“0”) to bits (0x17) high_en_x,
(0x17) high_en_y, and (0x17) high_en_z, respectively. The high-g threshold is set through the
(0x26) high_th register. The meaning of an LSB of (0x26) high_th depends on the selected g-
range: it corresponds to 7.81 mg in 2g-range, 15.63 mg in 4g-range, 31.25 mg in 8g-range, and
62.5 mg in 16g-range (i.e. increment depends from g-range setting).
A hysteresis can be selected by setting the (0x24) high_hy bits. Analogously to (0x26) high_th,
the meaning of an LSB of (0x24) high_hy is g-range dependent: it corresponds to an
acceleration difference of 125 mg in 2g-range, 250 mg in 4g-range, 500 mg in 8g-range, and
1000mg in 16g-range (as well, increment depends from g-range setting).
The high-g interrupt is generated if the absolute value of the acceleration of at least one of the
enabled axes (´or´ relation) is higher than the threshold for at least the time defined by the
(0x25) high_dur register. The interrupt is reset if the absolute value of the acceleration of all
enabled axes (´and´ relation) is lower than the threshold minus the hysteresis for at least the
time defined by the (0x25) high_dur register. In bit (0x09) high_int the interrupt status is stored.
The relation between the content of (0x25) high_dur and the actual delay of the interrupt
generation is delay [ms] = [(0x22) low_dur + 1] • 2 ms. Therefore, possible delay times range
from 2 ms to 512 ms. The interrupt will be cleared immediately once acceleration is lower than
threshold.
4.7.10.1 Axis and sign information of high-g interrupt
The axis which triggered the interrupt is indicated by bits (0x0C) high_first_x, (0x0C)
high_first_y, and (0x0C) high_first_z. The bit corresponding to the triggering axis contains a “1”
while the other bits hold a “0”. These bits are cleared together with clearing the interrupt status.
The sign of the triggering acceleration is stored in bit (0x0C) high_sign. If (0x0C) high_sign = “0”
(“1”), the sign is positive (negative).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com