Electronic Components Datasheet Search
  English  ▼

X  

BMC156 Datasheet(PDF) 24 Page - Bosch Sensortec GmbH

Part # BMC156
Description  6-axis eCompassBMC156: Data sheet
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMC156 Datasheet(HTML) 24 Page - Bosch Sensortec GmbH

Back Button BMC156 Datasheet HTML 20Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 21Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 22Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 23Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 24Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 25Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 26Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 27Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 28Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 141 page
background image
Data sheet
eCompass BMC156
Page 24
BST-BMC156-DS000-01 | Revision 1.0 | July 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
data acquisitions). Hence, the more repetitions are acquired to generate one magnetic field data
point, the longer the active time ratio in one sample phase, and the higher the average current.
Thanks to longer internal averaging, the noise level of the output data reduces with increasing
number of repetitions.
By using forced mode, it is possible to trigger new measurements at any rate. The user can
therefore trigger measurements in a shorter interval than it takes for a measurement cycle to
complete. If a measurement cycle is not allowed to complete, the resulting data will not be
written into the data registers. To prevent this, the manually triggered measurement intervals
must not be shorter than the active measurement time which is a function of the selected
number of repetitions. The maximum selectable read-out frequency in forced mode can be
calculated as follows:
µs
nZ
µs
nXY
µs
f
ODR
980
500
145
1
max,
Hereby nXY is the number of repetitions on X/Y-axis (not the register value) and nZ the number
of repetitions on Z-axis (not the register value) (see description of XY_REP and Z_REP
registers in chapter 7).
Although the repetition numbers for X/Y and Z axis and the ODR can be adjusted independently
and in a wide range, there are four recommended presets (High accuracy preset, Enhanced
regular preset, Regular preset, Low power preset) which reflect the most common usage
scenarios, i.e. required output accuracy at a given current consumption, of the BMC156
magnetometer part.
The four presets consist of the below register configurations, which are automatically set by the
BMC156 API or driver provided by Bosch Sensortec when a preset is selected. Table 6 shows
the recommended presets and the resulting magnetic field output noise and magnetometer part
current consumption:
Table 6: Magnetometer presets in Active operation and normal mode:
Preset
X/Y rep
Z rep
ODR
ODRmax
(forced
mode)
RMS Noise
x/y/z
Average
current
consumption
Low
power
preset
3
3
10 Hz
>300 Hz
1.0/1.0/1.4 µT
170 µA
Regular preset
9
15
10 Hz
100 Hz
0.6/0.6/0.6 µT
0.5 mA
Enhanced
regular preset
15
27
10 Hz
60 Hz
0.5/0.5/0.5 µT
0.8 mA
High accuracy
preset
47
83
20 Hz
20 Hz
0.3/0.3/0.3 µT
4.9 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com