Electronic Components Datasheet Search
  English  ▼

X  

BMC156 Datasheet(PDF) 3 Page - Bosch Sensortec GmbH

Part # BMC156
Description  6-axis eCompassBMC156: Data sheet
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMC156 Datasheet(HTML) 3 Page - Bosch Sensortec GmbH

  BMC156 Datasheet HTML 1Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 2Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 3Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 4Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 5Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 6Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 7Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 8Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 141 page
background image
Data sheet
eCompass BMC156
Page 3
BST-BMC156-DS000-01 | Revision 1.0 | July 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
General Description
The BMC156 is an integrated electronic compass solution for consumer market
applications. It comprises a 12bit leading edge triaxial, low-g acceleration sensor and an
ultra-low power, high precision triaxial magnetic field sensor. It allows measurements of
acceleration and magnetic field in three perpendicular axes. Performance and features
of both sensing technologies are carefully tuned and perfectly match the demanding
requirements of all 6-axis mobile applications such as electronic compass, navigation or
augmented reality.
An evaluation circuitry (ASIC) converts the output of the micromechanical sensing
structures (MEMS) to digital results which can be read out over the industry standard
digital interfaces.
Package and interfaces of the BMC156 have been designed to match a multitude of
hardware requirements. As the sensor features an ultra-small footprint and a flat
package, it is ingeniously suited for mobile applications.
The BMC156 offers ultra-low voltage operation (VDD voltage range from 1.62V to 3.6V,
VDDIO voltage range 1.2V to 3.6V) and can be programmed to optimize functionality,
performance and power consumption in customer specific applications. The
programmable interrupt engine sets new standards in terms of flexibility.
The BMC156 senses orientation, tilt, motion, shock, vibration and heading in cell
phones, handhelds, computer peripherals, man-machine interfaces, virtual reality
features and game controllers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com