Electronic Components Datasheet Search
  English  ▼

X  

BMC156 Datasheet(PDF) 14 Page - Bosch Sensortec GmbH

Part # BMC156
Description  6-axis eCompassBMC156: Data sheet
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMC156 Datasheet(HTML) 14 Page - Bosch Sensortec GmbH

Back Button BMC156 Datasheet HTML 10Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 11Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 12Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 13Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 14Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 15Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 16Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 17Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 18Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 141 page
background image
Data sheet
eCompass BMC156
Page 14
BST-BMC156-DS000-01 | Revision 1.0 | July 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
nrms,lp,m,z
Low power preset
z-axis, TA=25°C
Nominal VDD supplies
1.4
µT
nrms,rg,m
Regular preset
TA=25°C
Nominal VDD supplies
0.6
µT
nrms,eh,m
Enhanced regular
preset
TA=25°C
Nominal VDD supplies
0.5
µT
nrms,ha,m
High accuracy preset
TA=25°C
Nominal VDD supplies
0.3
µT
Power Supply
Rejection Rate
PSRRm
TA=25°C
Nominal VDD supplies
±0.5
µT/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com