Electronic Components Datasheet Search
  English  ▼

X  

BMC156 Datasheet(PDF) 13 Page - Bosch Sensortec GmbH

Part # BMC156
Description  6-axis eCompassBMC156: Data sheet
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMC156 Datasheet(HTML) 13 Page - Bosch Sensortec GmbH

Back Button BMC156 Datasheet HTML 9Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 10Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 11Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 12Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 13Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 14Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 15Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 16Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 17Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 141 page
background image
Data sheet
eCompass BMC156
Page 13
BST-BMC156-DS000-01 | Revision 1.0 | July 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
MAGNETOMETER OUTPUT SIGNAL
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Device
Resolution
Dres,m
TA=25°C
0.3
µT
Gain error6
Gerr,m
After API temperature
compensation
TA=25°C
Nominal VDD supplies
±2
%
Sensitivity
Temperature
Drift
TCSm
After API temperature
compensation
-40°C ≤ TA ≤ +85°C
Nominal VDD supplies
±0.01
%/K
Zero-B offset
OFFm
TA=25°C
±40
µT
Zero-B offset
OFFm,cal
After software
calibration with Bosch
Sensortec eCompass
software7
-40°C ≤ TA ≤ +85°C
±2
µT
Zero-B offset
Temperature
Drift
TCOm
-40°C ≤ TA ≤ +85°C
Nominal VDD supplies
±0.07
µT/K
ODR (data
output rate),
normal mode
odrlp
Low power preset
10
Hz
odrrg
Regular preset
10
Hz
odreh
Enhanced regular
preset
10
Hz
odrha
High accuracy preset
20
Hz
ODR (data
output rate),
forced mode
odrlp
Low power preset
0
>300
Hz
odrrg
Regular preset
0
100
Hz
odreh
Enhanced regular
preset
0
60
Hz
odrha
High accuracy preset
0
20
Hz
Full-scale
Nonlinearity
NLm, FS
best fit straight line
1
%FS
Output Noise
nrms,lp,m,xy
Low power preset
x, y-axis, TA=25°C
Nominal VDD supplies
1.0
µT
6 Definition: gain error = ( (measured field after API compensation) / (applied field) ) - 1
7Magnetic zero-B offset assuming calibration with Bosch Sensortec eCompass software (only
available for Android and Windows operating sytems and requires the conclusion of a software
licence agreement). Typical value after applying calibration movements containing various
device orientations (typical device usage).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com