Electronic Components Datasheet Search
  English  ▼

X  

BMC156 Datasheet(PDF) 39 Page - Bosch Sensortec GmbH

Part # BMC156
Description  6-axis eCompassBMC156: Data sheet
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMC156 Datasheet(HTML) 39 Page - Bosch Sensortec GmbH

Back Button BMC156 Datasheet HTML 35Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 36Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 37Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 38Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 39Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 40Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 41Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 42Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 43Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 141 page
background image
Data sheet
eCompass BMC156
Page 39
BST-BMC156-DS000-01 | Revision 1.0 | July 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
In latched mode an asserted interrupt status and the selected pin are cleared by writing ´1´ to bit
(0x21) reset_int. If the activation condition still holds when it is cleared, the interrupt status is
asserted again with the next change of the acceleration registers.
In the temporary mode an asserted interrupt and selected pin are cleared after a defined period
of time. The behavior of the different interrupt modes is shown graphically in Figure 8. The
timings in this mode are subject to the same tolerances as the bandwidths (see Table 2).
internal signal from
interrupt engine
interrupt output
non-latched
temporary
latched
latch period
Figure 8: Interrupt modes
Several interrupt engines can use either unfiltered or filtered acceleration data as their input. For
these interrupts, the source can be selected with the bits in register (0x1E). These are (0x1E)
int_src_data, (0x1E) int_src_tap, (0x1E) int_src_slo_no_mot, (0x1E) int_src_slope, (0x1E)
int_src_high, and (0x1E) int_src_low. Setting the respective bits to ´0´ (´1´) selects filtered
(unfiltered) data as input. The orientation recognition and flat detection interrupt always use
filtered input data.
It is strongly recommended to set interrupt parameters prior to enabling the interrupt. Changing
parameters of an already enabled interrupt may cause unwanted interrupt generation and
generation of a false interrupt history. A safe way to change parameters of an enabled interrupt
is to keep the following sequence: disable the desired interrupt, change parameters, wait for at
least 10ms, and then re-enable the desired interrupt.
4.7.2 Mapping to physical interrupt pins (inttype to INT Pin#)
Registers (0x1A) to (0x1B) are dedicated to mapping of interrupts to the interrupt pin “INT2”.
Setting (0x1B) int2_”inttype” to ´1´ (´0´) maps (unmaps) “inttype” to pin “INT2”.
Note:
“inttype” to be replaced with the precise notation, given in the memory map in chapter 5.
Example: For flat interrupt (int2_flat): Setting (0x1B) int2_flat to ´1´ maps int2_flat to pin “INT2”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com