Electronic Components Datasheet Search
  English  ▼

X  

BMC156 Datasheet(PDF) 19 Page - Bosch Sensortec GmbH

Part # BMC156
Description  6-axis eCompassBMC156: Data sheet
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMC156 Datasheet(HTML) 19 Page - Bosch Sensortec GmbH

Back Button BMC156 Datasheet HTML 15Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 16Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 17Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 18Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 19Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 20Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 21Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 22Page - Bosch Sensortec GmbH BMC156 Datasheet HTML 23Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 141 page
background image
Data sheet
eCompass BMC156
Page 19
BST-BMC156-DS000-01 | Revision 1.0 | July 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
fifo_config_1, (0x30) fifo_config_0 and (0x3F) fifo_data register. It is possible to enter normal
mode by performing a softreset as described in chapter.7.6.
Suspend mode is entered (left) by writing ´1´ (´0´) to the (0x11) suspend bit after bit (0x12)
lowpower_mode has been set to ‘0’. Although write access to registers is supported at the full
interface clock speed (SCL or SCK), a waiting period must be inserted between two consecutive
write cycles (please refer also to section 8.2.1).
In standby mode the analog part is powered down, while the digital part remains largely
operational. No data acquisition is performed. Reading and writing registers is supported
without any restrictions. The latest acceleration data and the content of all configuration
registers are kept. Standby mode is entered (left) by writing ´1´ (´0´) to the (0x11) suspend bit
after bit (0x12) lowpower_mode has been set to ‘1’. It is also possible to enter normal mode by
performing a softreset as described in chapter 7.6.
In low-power mode 1, the device is periodically switching between a sleep phase and a wake-
up phase. The wake-up phase essentially corresponds to operation in normal mode with
complete power-up of the circuitry. The sleep phase essentially corresponds to operation in
suspend mode. Low-power mode is entered (left) by writing ´1´ (´0´) to the (0x11) lowpower_en
bit after bit (0x12) lowpower_mode has been set to ‘0’. Read access to registers is possible
except from the (0x3F) fifo_data register. However, unless the register access is synchronised
with the wake-up phase, the restrictions of the suspend mode apply.
Low-power mode 2 is very similar to low-power mode 1, but register access is possible at any
time without restrictions. It consumes more power than low-power mode 1. In low-power mode 2
the device is periodically switching between a sleep phase and a wake-up phase. The wake-up
phase essentially corresponds to operation in normal mode with complete power-up of the
circuitry. The sleep phase essentially corresponds to operation in standby mode. Low-power
mode is entered (left) by writing ´1´ (´0´) to the (0x11) lowpower_en bit with bit (0x12)
lowpower_mode set to ‘1’.
The timing behaviour of the low-power modes 1 and 2 depends on the setting of the (0x12)
sleeptimer_mode bit. When (0x12) sleeptimer_mode is set to ‘0’, the event-driven time-base
mode (EDT) is selected. In EDT the duration of the wake-up phase depends on the number of
samples required by the enabled interrupt engines. If an interrupt is detected, the device stays
in the wake-up phase as long as the interrupt condition endures (non-latched interrupt), or until
the latch time expires (temporary interrupt), or until the interrupt is reset (latched interrupt). If no
interrupt is detected, the device enters the sleep phase immediately after the required number
of acceleration samples have been taken and an active interface access cycle has ended. The
EDT mode is recommended for power-critical applications which do not use the FIFO. Also,
EDT mode is compatible with legacy BST sensors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com