Electronic Components Datasheet Search
  English  ▼

X  

RF98 Datasheet(PDF) 89 Page - HOPE Microelectronics CO., Ltd.

Part # RF98
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF98 Datasheet(HTML) 89 Page - HOPE Microelectronics CO., Ltd.

Back Button RF98 Datasheet HTML 85Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 86Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 87Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 88Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 89Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 90Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 91Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 92Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 93Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 121 page
background image
Page 89
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Name
(Address)
Bits
Variable Name
Mode
Default
value
FSK/OOK Description
RegOcp
(0x0B)
7-6
unused
r
0x00
unused
5
OcpOn
rw
0x01
Enables overload current protection (OCP) for the PA:
0  OCP disabled
1  OCP enabled
4-0
OcpTrim
rw
0x0b
Trimming of OCP current:
Imax = 45+5*OcpTrim [mA] if OcpTrim <= 15 (120 mA) /
Imax = -30+10*OcpTrim [mA] if 15 < OcpTrim <= 27 (130 to 240
mA)
Imax = 240mA for higher settings
Default Imax = 100mA
Registers for the Receiver
RegLna
(0x0C)
7-5
LnaGain
rw
0x01
LNA gain setting:
000  reserved
001  G1 = highest gain
010  G2 = highest gain
– 6 dB
011  G3 = highest gain
– 12 dB
100  G4 = highest gain
– 24 dB
101  G5 = highest gain
– 36 dB
110  G6 = highest gain
– 48 dB
111  reserved
Note:
Reading this address always returns the current LNA gain (which
may be different from what had been previously selected if AGC
is enabled.
4-3
LnaBoostLf
rw
0x00
Low Frequency (RFI_LF) LNA current adjustment
00  Default LNA current
Other  Reserved
2
reserved
rw
0x00
reserved
1-0
LnaBoostHf
rw
0x00
High Frequency (RFI_HF) LNA current adjustment
00  Default LNA current
11  Boost on, 150% LNA current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com