Electronic Components Datasheet Search
  English  ▼

X  

RF98 Datasheet(PDF) 62 Page - HOPE Microelectronics CO., Ltd.

Part # RF98
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF98 Datasheet(HTML) 62 Page - HOPE Microelectronics CO., Ltd.

Back Button RF98 Datasheet HTML 58Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 59Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 60Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 61Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 62Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 63Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 64Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 65Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 66Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 121 page
background image
Page 62
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
FifoLevel
1
0
B
B+1
# of bytes in FIFO
Figure 27. FifoLevel IRQ Source Behavior
Notes - FifoLevel interrupt is updated only after a read or write operation on the FIFO. Thus the interrupt cannot be
dynamically updated by only changing the FifoThreshold parameter
- FifoLevel interrupt is valid as long as FifoFull does not occur. An empty FIFO will restore its normal operation
FIFO Clearing
Table below summarizes the status of the FIFO when switching between different modes
Table 73 Status of FIFO when Switching Between Different Modes of the Chip
From
To
FIFO status
Comments
Stdby
Sleep
Not cleared
Sleep
Stdby
Not cleared
Stdby/Sleep
Tx
Not cleared
To allow the user to write the FIFO in Stdby/Sleep before Tx
Stdby/Sleep
Rx
Cleared
Rx
Tx
Cleared
Rx
Stdby/Sleep
Not cleared
To allow the user to read FIFO in Stdby/Sleep mode after Rx
Tx
Any
Cleared
4.2.10.1. Sync Word Recognition
Overview
Sync word recognition (also called Pattern recognition) is activated by setting SyncOn in RegSyncConfig. The bit
synchronizer must also be activated in Continuous mode (automatically done in Packet mode).
The block behaves like a shift register; it continuously compares the incoming data with its internally programmed Sync
word and sets SyncAddressMatch when a match is detected. This is illustrated in Figure 28 below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com