Electronic Components Datasheet Search
  English  ▼

X  

RF98 Datasheet(PDF) 16 Page - HOPE Microelectronics CO., Ltd.

Part # RF98
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF98 Datasheet(HTML) 16 Page - HOPE Microelectronics CO., Ltd.

Back Button RF98 Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 20Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 121 page
background image
Page 16
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
RF_OPH_
MAX
Max RF output power, on
PA_BOOST pin
High power mode
-
+20
-
dBm
ΔRF_
OPH_V
RF output power stability on PA_-
BOOST pin versus voltage supply.
VDD = 2.4 V to 3.7 V
-
+/-1
-
dB
ΔRF_T
RF output power stability versus
From T = -40 °C to +85 °C
-
+/-1
-
dB
PHN
Transmitter Phase Noise
169 MHz band
10kHz Offset
50kHz Offset
400kHz Offset
1MHz Offset
-
-
-
-
-118
-118
-128
-132
-
-
-
-
dBc/
Hz
433 MHz band
10kHz Offset
50kHz Offset
400kHz Offset
1MHz Offset
-
-
-
-
-109
-109
-121
-128
-
-
-
-
dBc/
Hz
868/915 MHz band
10kHz Offset
50kHz Offset
400kHz Offset
1MHz Offset
-
-
-
-
-103
-103
-115
-122
-
-
-
-
dBc/
Hz
ACP
Transmitter adjacent channel
power (measured at 25 kHz offset)
BT=1. Measurement conditions as
defined by EN 300 220-1 V2.3.1
-
-
-37
dBm
TS_TR
Transmitter wake up time, to the
first rising edge of DCLK
Frequency Synthesizer enabled, PaR-
amp
= 10us, BR = 4.8 kb/s
-
120
-
us
WIRELESS & SENSING
PRELIMINARY
DATASHEET
temperature on PA_BOOST pin.
2.4.5. Electrical specification for LoraTM modulation
The table below gives the electrical specifications for the transceiver operating with LoraTM modulation. Following
conditions apply unless otherwise specified:
Supply voltage = 3.3 V.
Temperature = 25° C.
f
XOSC = 32 MHz.
Lower bands: 169 MHz and 433 MHz, higher bands: 868 and 915 MHz
bandwidth (BW) = 125 kHz.
Spreading Factor (SF) = 12.
Error Correction Code (EC) = 4/6.
Packet Error Rate (PER)= 1%
CRC on payload enabled.
Output power = 13 dBm in transmission.
Payload length = 64 bytes.
Preamble Length = 12 symbols (programmed register PreambleLength=8)
With matched impedances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com