Electronic Components Datasheet Search
  English  ▼

X  

RF98 Datasheet(PDF) 77 Page - HOPE Microelectronics CO., Ltd.

Part # RF98
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF98 Datasheet(HTML) 77 Page - HOPE Microelectronics CO., Ltd.

Back Button RF98 Datasheet HTML 73Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 74Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 75Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 76Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 77Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 78Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 79Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 80Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 81Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 121 page
background image
Page 77
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
F
=
XO S C
WIRELESS & SENSING
PRELIMINARY
DATASHEET
5.3.2. CLKOUT Output
The reference frequency, or a fraction of it, can be provided on DIO5 (pin 13) by modifying bits ClkOut in RegDioMapping2.
Two typical applications of the CLKOUT output include:
To provide a clock output for a companion processor, thus saving the cost of an additional oscillator. CLKOUT can be
made available in any operation mode except Sleep mode and is automatically enabled at power on reset.
To provide an oscillator reference output. Measurement of the CLKOUT signal enables simple software trimming of the
initial crystal tolerance.
Note
To minimize the current consumption of the RF96/97/98, please ensure that the CLKOUT signal is disabled
when not required.
5.3.3. PLL
The local oscillator of the RF96/97/98 is derived from two almost identical fractional-N PLLs that are referenced to the
crystal oscillator circuit. Both PLLs feature a programmable bandwidth setting where one of four discrete preset bandwidths
may be accessed.
The RF96/97/98 PLL uses a 19-bit sigma-delta modulator whose frequency resolution, constant over the whole
frequency range, is given by:
F
STE P
----------------
2
19
The carrier frequency is programmed through RegFrf, split across addresses 0x06 to 0x08:
F
R F = FSTEP
× Frf(23,0)
Note
The Frf setting is split across 3 bytes. A change in the center frequency will only be taken into account when the
least significant byte FrfLsb in RegFrfLsb is written. This allows the potential for user generation of m-ary FSK at
very low bit rates. This is possible where frequency modulation is achieved by direct programming of the
programmed RF centre frequency. To enable this functionality set the FastHopOn bit of register RegPllHop.
5.3.4. RC Oscillator
All timing operations in the low-power Sleep state of the Top Level Sequencer rely on the accuracy of the internal low-
power RC oscillator. This oscillator is automatically calibrated at the device power-up not requiring any user input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com