Electronic Components Datasheet Search
  English  ▼

X  

RF98 Datasheet(PDF) 47 Page - HOPE Microelectronics CO., Ltd.

Part # RF98
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF98 Datasheet(HTML) 47 Page - HOPE Microelectronics CO., Ltd.

Back Button RF98 Datasheet HTML 43Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 44Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 45Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 46Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 47Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 48Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 49Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 50Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 51Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 121 page
background image
Page 47
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
4.2.3.4. Frequency Error Indicator
This frequency error indicator measures the frequency error between the programmed RF centre frequency and the carrier
frequency of the modulated input signal to the receiver. When the FEI is performed, the frequency error is measured and
the signed result is loaded in FeiValue in RegFei, in 2
‟s complement format. The time required for an FEI evaluation is 4 bit
periods.
To ensure correct operation of the FEI:
The measurement must be launched during the reception of preamble.
The sum of the frequency offset and the 20 dB signal bandwidth must be lower than the base band filter bandwidth. i.e.
The whole modulated spectrum must be received.
The 20 dB bandwidth of the signal can be evaluated as follows (double-side bandwidth):
=
× 
+ -------
BW
20d B
2
FDEV
2 
The frequency error, in Hz, can be calculated with the following formula:
FEI = F
STEP
× FeiValue
RF96/7/8 in Rx mode Preamble-
modulated input signal Signal
level > Sensitivity
Set FeiStart
= 1
FeiDone
No
= 1
Yes
Read
FeiValue
Figure 16. FEI Process



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com