Electronic Components Datasheet Search
  English  ▼

X  

RF98 Datasheet(PDF) 95 Page - HOPE Microelectronics CO., Ltd.

Part # RF98
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF98 Datasheet(HTML) 95 Page - HOPE Microelectronics CO., Ltd.

Back Button RF98 Datasheet HTML 91Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 92Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 93Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 94Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 95Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 96Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 97Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 98Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 99Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 121 page
background image
Page 95
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Name
(Address)
Bits
Variable Name
Mode
Default
value
FSK/OOK Description
RegPayloadLength
(0x32)
7-0
PayloadLength(7:0)
rw
0x40
If PacketFormat = 0 (fixed), payload length.
If PacketFormat = 1 (variable), max length in Rx, not used in Tx.
RegNodeAdrs
(0x33)
7-0
NodeAddress
rw
0x00
Node address used in address filtering.
RegBroadcastAdrs
(0x34)
7-0
BroadcastAddress
rw
0x00
Broadcast address used in address filtering.
RegFifoThresh
(0x35)
7
TxStartCondition
rw
0x01
*
Defines the condition to start packet transmission:
0  FifoLevel (i.e. the number of bytes in the FIFO exceeds
FifoThreshold)
1  FifoEmpty goes low(i.e. at least one byte in the FIFO)
6
unused
r
-
unused
5-0
FifoThreshold
rw
0x0f
Used to trigger FifoLevel interrupt, when:
number of bytes in FIFO >= FifoThreshold + 1
Sequencer registers
RegSeqConfig1
(0x36)
7
SequencerStart
wt
0x00
Controls the top level Sequencer
When set to
„1‟, executes the “Start” transition.
The sequencer can only be enabled when the chip is in Sleep or
Standby mode.
6
SequencerStop
wt
0x00
Forces the Sequencer Off.
Always reads
„0‟
5
IdleMode
rw
0x00
Selects chip mode during the state:
0: Standby mode
1: Sleep mode
4-3
FromStart
rw
0x00
Controls the Sequencer transition when SequencerStart is set to 1
in Sleep or Standby mode:
00: to LowPowerSelection
01: to Receive state
10: to Transmit state
11: to Transmit state on a FifoLevel interrupt
2
LowPowerSelection
rw
0x00
Selects the Sequencer LowPower state after a to
LowPowerSelection
transition:
0: SequencerOff state with chip on Initial mode
1: Idle state with chip on Standby or Sleep mode depending on
IdleMode
Note:
Initial mode is the chip LowPower mode at
Sequencer Start.
1
FromIdle
rw
0x00
Controls the Sequencer transition from the Idle state on a T1
interrupt:
0: to Transmit state
1: to Receive state
0
FromTransmit
rw
0x00
Controls the Sequencer transition from the Transmit state:
0: to LowPowerSelection on a PacketSent interrupt
1: to Receive state on a PacketSent interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com