Electronic Components Datasheet Search
  English  ▼

X  

RF98 Datasheet(PDF) 92 Page - HOPE Microelectronics CO., Ltd.

Part # RF98
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF98 Datasheet(HTML) 92 Page - HOPE Microelectronics CO., Ltd.

Back Button RF98 Datasheet HTML 88Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 89Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 90Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 91Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 92Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 93Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 94Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 95Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 96Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 121 page
background image
Page 92
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Name
(Address)
Bits
Variable Name
Mode
Default
value
FSK/OOK Description
RegAfcFei
(0x1a)
7-5
unused
r
-
unused
4
AgcStart
wt
0x00
Triggers an AGC sequence when set to 1.
3
reserved
rw
0x00
reserved
2
unused
-
-
unused
1
AfcClear
wc
0x00
Clear AFC register set in Rx mode. Always reads 0.
0
AfcAutoClearOn
rw
0x00
Only valid if AfcAutoOn is set
0  AFC register is not cleared at the beginning of the automatic
AFC phase
1  AFC register is cleared at the beginning of the automatic
AFC phase
RegAfcMsb
(0x1b)
7-0
AfcValue(15:8)
rw
0x00
MSB of the AfcValue, 2
‟s complement format. Can be used to
overwrite the current AFC value
RegAfcLsb
(0x1c)
7-0
AfcValue(7:0)
rw
0x00
LSB of the AfcValue, 2
‟s complement format. Can be used to
overwrite the current AFC value
RegFeiMsb
(0x1d)
7-0
FeiValue(15:8)
rw
-
MSB of the measured frequency offset, 2
‟s complement. Must be
read before RegFeiLsb.
RegFeiLsb
(0x1e)
7-0
FeiValue(7:0)
rw
-
LSB of the measured frequency offset, 2
‟s complement
Frequency error =
FeiValue x Fstep
RegPreambleDetect
(0x1f)
7
PreambleDetectorOn
rw
0x01
*
Enables Preamble detector when set to 1. The AGC settings
supersede this bit during the startup / AGC phase.
0  Turned off
1  Turned on
6-5
PreambleDetectorSize
rw
0x01
*
Number of Preamble bytes to detect to trigger an interrupt
00  1 byte
10  3 bytes
01  2 bytes
11  Reserved
4-0
PreambleDetectorTol
rw
0x0A
*
Number or chip errors tolerated over PreambleDetectorSize.
4 chips per bit.
RegRxTimeout1
(0x20)
7-0
TimeoutRxRssi
rw
0x00
Timeout
interrupt is generated TimeoutRxRssi*16*Tbit after
switching to Rx mode if Rssi interrupt do
esn‟t occur (i.e.
RssiValue > RssiThreshold)
0x00: TimeoutRxRssi is disabled
RegRxTimeout2
(0x21)
7-0
TimeoutRxPreamble
rw
0x00
Timeout
interrupt is generated TimeoutRxPreamble*16*Tbit after
switching to Rx mode if Preamble interrupt do
esn‟t occur
0x00: TimeoutRxPreamble is disabled
RegRxTimeout3
(0x22)
7-0
TimeoutSignalSync
rw
0x00
Timeout
interrupt is generated TimeoutSignalSync*16*Tbit after
the Rx mode is programmed, if SyncAddress do
esn‟t occur
0x00: TimeoutSignalSync is disabled
RegRxDelay
(0x23)
7-0
InterPacketRxDelay
rw
0x00
Additional delay before an automatic receiver restart is launched:
Delay = InterPacketRxDelay*4*Tbit
RC Oscillator registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com