Electronic Components Datasheet Search
  English  ▼

X  

RF98 Datasheet(PDF) 33 Page - HOPE Microelectronics CO., Ltd.

Part # RF98
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF98 Datasheet(HTML) 33 Page - HOPE Microelectronics CO., Ltd.

Back Button RF98 Datasheet HTML 29Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 30Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 31Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 32Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 33Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 34Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 35Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 36Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 37Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 121 page
background image
Page 33
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
4.1.5. LoRa
TM Modem State Machine Sequences
The sequence for transmission and reception of data to and from the LoRaTM modem, together with flow charts of typical
sequences of operation, are detailed below.
Data Transmission Sequence
In transmit mode power consumption is optimized by enabling RF, PLL and PA blocks only when packet data needs to be
transmitted. Figure 8 shows a typical LoRaTM transmit sequence.
Figure 8. LoRa
TM modulation transmission sequence.
Static configuration registers can only be accessed in Sleep mode, Stand-by mode or FSTX mode.
The LoRaTM FIFO can only be filled in Stand-by mode.
Data transmission is initiated by sending TX mode request.
Upon completion the TxDone interrupt is issued and the radio returns to Stand-by mode.
Following transmission the radio can be manually placed in Sleep mode or the FIFO refilled for a subsequent Tx
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com