Electronic Components Datasheet Search
  English  ▼

X  

RF98 Datasheet(PDF) 93 Page - HOPE Microelectronics CO., Ltd.

Part # RF98
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF98 Datasheet(HTML) 93 Page - HOPE Microelectronics CO., Ltd.

Back Button RF98 Datasheet HTML 89Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 90Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 91Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 92Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 93Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 94Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 95Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 96Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 97Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 121 page
background image
Page 93
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Name
(Address)
Bits
Variable Name
Mode
Default
value
FSK/OOK Description
RegOsc
(0x24)
7-4
unused
r
-
unused
3
RcCalStart
wt
0x00
Triggers the calibration of the RC oscillator when set. Always
reads 0. RC calibration must be triggered in Standby mode.
2-0
ClkOut
rw
0x07
*
Selects CLKOUT frequency:
000  FXOSC
001  FXOSC / 2
010  FXOSC / 4
011  FXOSC / 8
100  FXOSC / 16
101  FXOSC / 32
110  RC (automatically enabled)
111  OFF
Packet Handling registers
RegPreambleMsb
(0x25)
7-0
PreambleSize(15:8)
rw
0x00
Size of the preamble to be sent (from TxStartCondition fulfilled).
(MSB byte)
RegPreambleLsb
(0x26)
7-0
PreambleSize(7:0)
rw
0x03
Size of the preamble to be sent (from TxStartCondition fulfilled).
(LSB byte)
RegSyncConfig
(0x27)
7-6
AutoRestartRxMode
rw
0x02
Controls the automatic restart of the receiver after the reception of
a valid packet (PayloadReady or CrcOk):
00  Off
01  On, without waiting for the PLL to re-lock
10  On, wait for the PLL to lock (frequency changed)
11  reserved
5
PreamblePolarity
rw
0x00
Sets the polarity of the Preamble
0  0xAA (default)
1  0x55
4
SyncOn
rw
0x01
Enables the Sync word generation and detection:
0  Off
1  On
3
FifoFillCondition
rw
0x00
FIFO filling condition:
0  if SyncAddress interrupt occurs
1  as long as FifoFillCondition is set
2-0
SyncSize
rw
0x03
Size of the Sync word:
(SyncSize + 1) bytes, (SyncSize) bytes if ioHomeOn=1
RegSyncValue1
(0x28)
7-0
SyncValue(63:56)
rw
0x01
*
1st byte of Sync word. (MSB byte)
Used if SyncOn is set.
RegSyncValue2
(0x29)
7-0
SyncValue(55:48)
rw
0x01
*
2nd byte of Sync word
Used if SyncOn is set and (SyncSize +1) >= 2.
RegSyncValue3
(0x2a)
7-0
SyncValue(47:40)
rw
0x01
*
3rd byte of Sync word.
Used if SyncOn is set and (SyncSize +1) >= 3.
RegSyncValue4
(0x2b)
7-0
SyncValue(39:32)
rw
0x01
*
4th byte of Sync word.
Used if SyncOn is set and (SyncSize +1) >= 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com