Electronic Components Datasheet Search
  English  ▼

X  

RF98 Datasheet(PDF) 43 Page - HOPE Microelectronics CO., Ltd.

Part # RF98
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF98 Datasheet(HTML) 43 Page - HOPE Microelectronics CO., Ltd.

Back Button RF98 Datasheet HTML 39Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 40Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 41Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 42Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 43Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 44Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 45Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 46Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 47Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 121 page
background image
Page 43
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
=
DE V
≤ 10
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Note
No constraint applies to the modulation index of the transmitter, but the frequency deviation must be set between
600 Hz and 200 kHz.
4.2.2.2. OOK Modulation
OOK modulation is applied by switching on and off the power amplifier. Digital control and ramping are available to improve
the transient power response of the OOK transmitter.
4.2.2.3. Modulation Shaping
Modulation shaping can be applied in both OOK and FSK modulation modes, to improve the narrowband response of the
transmitter. Both shaping features are controlled with PaRamp bits in RegPaRamp.
In FSK mode, a Gaussian filter with BT = 0.5 or 1 is used to filter the modulation stream, at the input of the sigma-delta
modulator. If the Gaussian filter is enabled when the RF96/97/98 is in Continuous mode, DCLK signal on pin 10
(DIO1/DCLK) will trigger an interrupt on the uC each time a new bit has to be transmitted. Please refer to section 5.4.2
for details.
When OOK modulation is used, the PA bias voltages are ramped up and down smoothly when the PA is turned on and
off, to reduce spectral splatter.
Note The transmitter must be restarted if the ModulationShaping setting is changed, in order to recalibrate the built-in
filter.
4.2.3. FSK/OOK Reception
4.2.3.1. FSK Demodulator
The FSK demodulator of the RF96/97/98 is designed to demodulate FSK, GFSK, MSK and GMSK modulated signals. It is
most efficient when the modulation index of the signal is greater than 0.5 and below 10:
2 × F
----------------------
0.5
≤ β
BR
The output of the FSK demodulator can be fed to the Bit Synchronizer to provide the companion processor with a
synchronous data stream in Continuous mode.
4.2.3.2. OOK Demodulator
The OOK demodulator performs a comparison of the RSSI output and a threshold value. Three different threshold modes
are available, configured through bits OokThreshType in RegOokPeak.
The recommended mode of operation is the
“Peak” threshold mode, illustrated in Figure 13:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com