Electronic Components Datasheet Search
  English  ▼

X  

ES7322 Datasheet(PDF) 4 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES7322
Description  100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES7322 Datasheet(HTML) 4 Page - Suzhou Everest Semiconductor Co. Ltd.

  ES7322 Datasheet HTML 1Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 2Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 3Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 4Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 5Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Everest Semiconductor
ES7322
Pin
Pin Number
Input or Output
Pin Description
ADC Pin
AIN1L/R
20, 19
I
Analog input 1 left and right channels
AIN2L/R
23, 18
I
Analog input 2 left and right channels
AIN3L/R
24, 17
I
Analog input 3 left and right channels
AIN4L/R
25, 16
I
Analog input 4 left and right channels
ADCMCLK
9
I
ADC master clock
ADCSDOUT/M3
10
O
ADC PCM serial data output
ADCLRCK
5
I
ADC PCM serial data left and right channel frame clock
ADCSCLK
6
I
ADC PCM serial data bit clock
DAC Pin
DACMCLK
4
I
DAC master clock
DACSDIN
1
I
DAC PCM serial data input
DACLRCK
2
I
DAC PCM serial data left and right channel frame clock
DACSCLK
3
I
DAC PCM serial data bit clock
AOUTL/R
28, 27
O
DAC analog output left and right channels
MUTE
14
O
Mute pin, active when detect 8K zero input in both left
and right channels or users choose to mute the DAC
Micro-controller Pin or Hardware Mode Pin
CE/M0
13
I
SPI uC interface chip select or 2-wire AD0
CCLK/M2
11
I
SPI or 2-wire (I2C compatible) uC interface clock
CDATA/M1
12
SPI: I
2-wire: I or O
SPI or 2-wire (I2C compatible) uC interface data
Power and Filtering Pin
VDDD/GNDD
7, 8
Digital power supply
VDDA/GNDA
22, 21
Analog power supply
ADCREFP/DACREFP
15, 26
Analog filtering pins
In the hardware mode, the mode pins function as the following:
Pin
Pin Number
Input or Output
Pin Description
M3
10
O
External pullup (47k resistor) – ADC and DAC
I2S serial data format
External pulldown (47k resistor) – ADC and DAC LJ serial data format
M2
11
I
0 – no deemphasis
1 – 44.1 kHz deemphasis filter on
M1:M0
12, 13
I
00 – select AIN1
01 – select AIN2
10 – select AIN3
11 – select AIN4
Rev 3.0
April, 2006
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com