Electronic Components Datasheet Search
  English  ▼

X  

ES7322 Datasheet(PDF) 7 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES7322
Description  100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES7322 Datasheet(HTML) 7 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES7322 Datasheet HTML 3Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 4Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 5Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 10Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 11Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Everest Semiconductor
ES7322
7.1 SPI
ES7322 has a SPI (Serial Peripheral Interface) compliant synchronous serial
slave controller inside the chip. It provides the ability to allow the external
master SPI controller to access the internal registers, and thus control the
operations of chip.
All lines on the SPI bus are unidirectional: The SPI_CLK is generated by the
master controller and is primarily used to synchronize data transfer, the
SPI_DIN line carries data from the master to the slave; SPI_CSn is generated
by the master to select ES7322.
The timing diagram of this interface is given in Figure 1. The high to low
transition at SPI_CSn pin indicates the SPI interface selected. Each write
procedure contains 3 words, i.e. Chip Address plus R/W bit, internal register
address and internal register data. Every word length is fixed at 8 bits. The
input SPI_DIN data are sampled at the rising edge of SPI_CLK clock. The
MSB bit in each word is transferred firstly. The transfer rate can be up to 10M
bps.
Chip Address
7 bits - 0010000
0
SPI_DIN
SPI_CLK
SPI_CSn
1
R/
Wb
56
7
8
914
15
16
17
22
23
RAM
8 bits
Register Data
8 bits
RAM = Register Address Mapping
Figure 1 SPI Configuration Interface Timing Diagram
7.2 2-wire
2-wire interface is a bi-directional serial bus that uses a serial data line (SDA)
and a serial clock line (SCL) for data transfer. The timing diagram for data
transfer of this interface is given in Figure 2. Data are transmitted
synchronously to SCL clock on the SDA line on a byte-by-byte basis. Each bit
in a byte is sampled during SCL high with MSB bit being transmitted firstly.
Each transferred byte is followed by an acknowledge bit from receiver to pull
the SDA low. The transfer rate of this interface can be up to 100k bps.
Rev 3.0
April, 2006
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com