Electronic Components Datasheet Search
  English  ▼

X  

ES7322 Datasheet(PDF) 14 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES7322
Description  100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES7322 Datasheet(HTML) 14 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES7322 Datasheet HTML 10Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 11Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 12Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 13Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 14Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 15Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 16Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 17Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 18Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Everest Semiconductor
ES7322
9 Digital Audio Interface
The device provides three formats of serial audio data interface to the input of
the DAC or output from the ADC through LRCK, SCLK and SDIN/SDOUT pins.
The three formats are I2S, left justified and right justified. In the hardware mode,
the formats are selected through pin M3. In the software mode, the formats are
selected by ADCSPDataMode bits of ADC Control 2 register (RAM address
0x02) or DACSPDataMode bits DAC Control 2 register (RAM address 0x07).
DACSDIN is sampled by ES7322 on the rising edge of DACSCLK. ADC data is
out on ADCSDOUT and changes on the falling edge of ADCSCLK. The
relationship of SDATA (SDIN/SDOUT), SCLK and LRCK with the three formats
is shown through Figure 3 to Figure 5.
n-2 n-1
n
3
2
1
1 SCLK
MSB
LSB
LEFT CHANNEL
n-2 n-1
n
3
2
1
1 SCLK
MSB
LSB
RIGHT CHANNEL
SDATA
SCLK
LRCK
n-2 n-1
n
3
2
1
MSB
LSB
LEFT CHANNEL
n-2 n-1
n
3
2
1
MSB
LSB
RIGHT CHANNEL
SDATA
SCLK
LRCK
Figure 3 I2S Serial Audio Data Format Up To 24-bit
n-2 n-1
n
3
2
1
MSB
LSB
LEFT CHANNEL
n-2 n-1
n
3
2
1
MSB
LSB
RIGHT CHANNEL
SDATA
SCLK
LRCK
Figure 4 Left Justified Serial Audio Data Format Up To 24-bit
Figure 5 Right Justified Serial Audio Data Format Up To 24-bit
10 Analog Input Multiplex and Programmable Gain Control
ES7322 allows direct 2 Vrms inputs if external 5 K
Ω resistors are used in serial
with the analog input pins. Please refer to Figure 6. 1 Vrms inputs can directly
apply to the analog input pins.
In the hardware mode, the analog input is selected through mode pins M1 and
M0. In the software mode, the analog input is selected through AINMIX bits of
ADC Control 1 register (RAM address 0x01). In the software mode, more than
one input can apply to the analog input pins to achieve mixing effects.
Rev 3.0
April, 2006
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com