Electronic Components Datasheet Search
  English  ▼

X  

ES7322 Datasheet(PDF) 17 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES7322
Description  100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES7322 Datasheet(HTML) 17 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES7322 Datasheet HTML 13Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 14Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 15Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 16Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 17Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 18Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 19Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 20Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 21Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Everest Semiconductor
ES7322
Passband Ripple
±
0.005
dB
Stopband Attenuation
70
dB
Analog Input
Full Scale Input Level (Note 2)
2*(VDDA/5)
Vrms
Input Impedance
10
KΩ
Note
1. The value is measured used A-weighted filter. If not use, the result will decrease 2-3 dB.
2. ES7322 allows direct 2 Vrms inputs if external 5 K
Ω resistors are used in serial with the
analog input pins. 1 Vrms inputs can directly apply to the analog input pins.
12.4 DAC Analog and Filter Characteristics and Specifications
Test conditions are as the following unless otherwise specify:
VDDA=+5.0V, VDDD=+5.0V, GNDA=0V, GNDD=0V, Ambient
temperature=+25
°C, Fs=48 KHz, 96 KHz or 192 KHz, MCLK/LRCK=256.
PARAMETER
MIN
TYP
MAX
UNIT
DAC Performance
Dynamic Range (Note 1)
85
98
100
dB
THD+N
-90
-82
-75
dB
Channel Separation (1KHz)
80
85
90
dB
Signal to Noise ratio
85
97
100
dB
Interchannel Gain Mismatch
0.05
dB
Filter Frequency Response – Single Speed, Fast Roll-off Filter
Passband
0
0.4535
Fs
Stopband
0.5465
Fs
Passband Ripple
±
0.05
dB
Stopband Attenuation
53
dB
Filter Frequency Response – Double Speed, Fast Roll-off Filter
Passband
0
0.4167
Fs
Stopband
0.5833
Fs
Passband Ripple
±
0.005
dB
Stopband Attenuation
56
dB
Filter Frequency Response – Quad Speed, Fast Roll-off Filter
Passband
0
0.2083
Fs
Stopband
0.7917
Fs
Passband Ripple
±
0.006
dB
Stopband Attenuation
50
dB
Filter Frequency Response – Single Speed, Slow Roll-off Filter
Passband
0
0.4167
Fs
Stopband
0.5833
Fs
Passband Ripple
±
0.05
dB
Stopband Attenuation
65
dB
Filter Frequency Response – Double Speed, Slow Roll-off Filter
Passband
0
0.2083
Fs
Rev 3.0
April, 2006
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com