Electronic Components Datasheet Search
  English  ▼

X  

ES7322 Datasheet(PDF) 5 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES7322
Description  100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES7322 Datasheet(HTML) 5 Page - Suzhou Everest Semiconductor Co. Ltd.

  ES7322 Datasheet HTML 1Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 2Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 3Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 4Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 5Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Everest Semiconductor
ES7322
3 RECOMMENDED APPLICATION CIRCUIT
DACSDIN
DACLRCK
AOUTL
AOUTR
DACREFP
AIN4L
DACSCLK
DACMCLK
ADCLRCK
ADCSCLK
AIN3L
AIN2L
AIN1L
VDDA
ADCMCLK
ADCSDOUT
CCLK
CDATA
AIN1R
AIN2R
AIN3R
CE
AIN4R
MUTE
ADCREFP
7
VDDD
GNDD
8
1
2
3
4
5
6
9
10
13
11
28
27
26
25
24
23
20
22
21
19
18
17
16
15
14
12
GNDA
0.1uF
0.1uF
0.1uF
10uF
10uF
10uF
47uH
VDDA
0.1uF
10uF
47uH
VDDD
DAC Serial
Audio Data
ADC Serial
Audio Data
MCU
Interface
External Mute Circuit
Analog Left Inputs
Analog Right Inputs
Vout L/R To External LPE
4.7uF
5k
4.7uF
5k
4.7uF
5k
4.7uF
5k
4.7uF
5k
4.7uF
5k
4.7uF
5k
4.7uF
5k
4 AUDIO DATA SAMPLING FREQUENCY AND CLOCKS
According to the input serial audio data sampling frequency, the device can
work in three speed modes: single speed, double speed or quad speed modes.
The ranges of the sampling frequency in these three modes are listed in
Table1. ADCSampleRate bits in ADC Control 2 register (RAM address 0x02) or
DACSampleRate bits in DAC Control 2 register (RAM address 0x07) set the
speed mode. By default, the device can detect the speed mode automatically
when sampling rate falls within the Fs Auto Detection Ranges listed in Table1.
In this auto detection mode, sampling frequency outside the specified ranges
is not supported. ADC and DAC have separate auto detection so ADC and
DAC sampling frequencies can be completely independent.
Table 1 Sampling Frequency and MCLK/LRCK Ratio
Speed Mode
Sampling Frequency
Fs Auto Detection Range
MCLK/LRCK Ratio
Single Speed
8kHz – 50kHz
8kHz – 50kHz
256, 384, 512, 768, 1024
Double Speed
50kHz – 100kHz
84kHz – 100kHz
128, 192, 256, 384, 512
Quad Speed
100kHz – 200kHz
167kHz – 200kHz
128, 192, 256
The device uses separate master clocks, LRCK clocks and SCLK clocks for
Rev 3.0
April, 2006
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com