Electronic Components Datasheet Search
  English  ▼

X  

ES7322 Datasheet(PDF) 22 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES7322
Description  100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES7322 Datasheet(HTML) 22 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES7322 Datasheet HTML 15Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 16Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 17Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 18Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 19Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 20Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 21Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 22Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 23Page - Suzhou Everest Semiconductor Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Everest Semiconductor
ES7322
13.2 28-pin SOP Outline Dimensions
C
D
E
F
I
J
K
Dimensions (inch)
Dimensions (mm)
Symbols
Min
TYP
Max
Min
TYP
Max
A
0.406
---
0.414
10.31
---
10.51
B
0.293
---
0.295
7.45
---
7.49
C
0.708
---
0.712
17.98
---
18.08
D
---
0.034
---
---
0.87
---
E
---
0.017
---
---
0.43
---
F
---
0.050
---
---
1.27
---
G
0.091
---
0.093
2.32
---
2.36
H
0.098
---
0.102
2.50
---
2.59
I
0.340
---
0.348
8.64
---
8.84
J
0.316
---
0.324
8.03
---
8.23
K
---
0.015x45
o
---
---
0.38x45
o
---
Rev 3.0
April, 2006
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com