Electronic Components Datasheet Search
  English  ▼

X  

ES7322 Datasheet(PDF) 1 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES7322
Description  100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES7322 Datasheet(HTML) 1 Page - Suzhou Everest Semiconductor Co. Ltd.

  ES7322 Datasheet HTML 1Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 2Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 3Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 4Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 5Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
ES7322
GENERAL DESCRIPTION
FEATURES
ES7322 is a low cost high performance
stereo audio CODEC. ES7322 performs
stereo digital to analog conversion and
analog to digital conversion continuously
from 8 kHz to 200 kHz sampling frequency.
ES7322 is ideal for high performance cost
sensitive consumer audio applications.
ES7322 can accept I²S, left justified and
right justified serial audio data formats up
to 24-bit word length. ADC and DAC
operate
on
independent
sampling
frequencies and clocks. The device uses
advanced multi-bit delta-sigma modulation
technique to convert data between digital
and analog. The multi-bit delta-sigma
modulators make the device with low
sensitivity to clock jitter and low out of band
noise.
ES7322 can operate either in the hardware
mod or the software mode. In the hardware
mode, pin M0, M1, M2 and M3 set the
operation of the device. In the software
mode, ES7322 provides SPI or 2-wire
micro-controller interfaces to configure its
operations.
ADC and DAC:
•
100 dB dynamic range
•
–90 dB THD
•
8 kHz to 200 kHz sampling frequency
•
I
2S, left justified and right justified audio
data format, 16-24 bits
•
128, 192, 256, 384, 512, 768 and 1024
MCLK to LRCK ratios
•
Independent ADC and DAC sampling
frequencies and clocks
•
Advanced multi-bit delta-sigma with low
sensitivity to clock jitter
•
Single power supply from 3V to 5.5V
•
Hardware mode or SPI or 2-wire uC
interface
ADC:
•
4-to-1 mux for analog inputs
•
Direct 2 Vrms analog input
•
ADC PGA from 11.5 dB to –11.5 dB in
0.5 dB per step
•
Digital attenuation from 6.5 dB to 89.5
dB in 0.5 dB per step
•
Optional high pass filter to remove
analog DC offset
DAC:
•
Digital volume control from 0 dB to 120
dB attenuation in 0.5 dB per step, with
soft ramp and zero crossing transition
•
De-emphasis filter for 32, 44.1 and 48
kHz sampling frequencies
•
Selectable fast and slow roll-off filters
APPLICATIONS
ORDERING INFORMATION
•
DVD recorder
•
Personal video recorder
•
LCD and digital TVs
•
Car audio
•
AV receiver
ES7322 -40°C ~ +85°C
SSOP-28, SOP-28
Rev 3.0
April, 2006
1


Similar Part No. - ES7322

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES736 CYRUSTEK-ES736 Datasheet
509Kb / 9P
True RMS-to-DC Converters
ES737 CYRUSTEK-ES737 Datasheet
703Kb / 10P
True RMS-to-DC Converters
More results

Similar Description - ES7322

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8591 WOLFSON-WM8591 Datasheet
495Kb / 50P
24 BIT, 192 KHZ STEREO CODEC
logo
Cirrus Logic
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com