Electronic Components Datasheet Search
  English  ▼

X  

ES7322 Datasheet(PDF) 8 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES7322
Description  100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES7322 Datasheet(HTML) 8 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES7322 Datasheet HTML 4Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 5Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 10Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 11Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 12Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Everest Semiconductor
ES7322
1-7
8
9
1-7
8
9
1-7
8
S
P
SDA
SCL
START ADDRESS
R/W
ACK
DATA
ACK
DATA
STOP
Figure 2 Complete Data Transfer for 2-wire Interface
A master controller initiates the transmission by sending a “start” signal, which
is defined as a high-to-low transition at SDA while SCL is high. The first byte
transferred is the slave address. It is a seven-bit chip address followed by a
RW bit. The chip address must be 001000x,where x equals AD0 (pin CE). The
RW bit indicates the slave data transfer direction. Once an acknowledge bit is
received, the data transfer starts to proceed on a byte-by-byte basis in the
direction specified by the RW bit. The master can terminate the communication
by generating a “stop” signal, which is defined as a low-to-high transition at
SDA while SCL is high.
In 2-wire interface mode, the registers can be written and read. The formats of
“write” and “read” instructions are shown in Table 2 and Table 3. Please note
that, to read data from a register, you must set R/W bit to 0 to access the
register address and then set R/W to 1 to read data from the register. There
are no acknowledge bit after data to be written or read, this is the only
difference from the I2C protocol.
Table 2 Write Data to Register in 2-wire Interface Mode
Chip Address
R/W
Register Address
Data to be written
001000
AD0
0
ACK
RAM
ACK
DATA
Table 3 Read Data from Register in 2-wire Interface Mode
Chip Address
R/W
Register Address
001000
AD0
0
ACK
RAM
Chip Address
R/W
Data to be read
001000
AD0
1
ACK
DATA
8 CONFIGURATION REGISTER DEFINITION
SPI and 2-wire configuration interface share the same registers because there
is only one interface active at any time. There are total of 11 user
programmable 8-bit registers in this device. These registers control the
operations of ADC and DAC. External master controller can access these
Rev 3.0
April, 2006
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com