Electronic Components Datasheet Search
  English  ▼

X  

ES7322 Datasheet(PDF) 15 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES7322
Description  100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES7322 Datasheet(HTML) 15 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES7322 Datasheet HTML 11Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 12Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 13Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 14Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 15Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 16Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 17Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 18Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 19Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Everest Semiconductor
ES7322
AIN4L/R
AIN3L/R
AIN2L/R
AIN1L/R
ES7322
+12 dB to –12 dB PGA
opam
5k
5k
5k
5k
5k
5k
5k
5k
5k
Figure 6 ADC Left and Right Inputs
The ADC has an analogue input PGA and digital gain control for each stereo
channel. The analog PGA has a range of +12 dB to –12 dB gains in 0.5 dB per
step. The digital gain control allows further attenuation (after the PGA) from
12.5 dB to 96 dB in 0.5 dB per step. ADC Left Gain Control register (RAM
address 0x04) and ADC Right Gain Control register (RAM address 0x05) allow
independent control of left and right channel gains.
Zero crossing detection and soft ramp control circuits are provided for the ADC
gain control (ADC Mute Control register, RAM address 0x03). This feature
minimizes the audible click and “zipper” noise as the gain values change.
11 DAC Fade In and Fade Out Transition
When DACMute bit in DAC Mute Control register (RAM address 0x08) is set,
the analog outputs go to mute level (common mode voltage) gradually at the
rate set by DACRampRate bits in the same register. Upon the release of the
DACMute bit, the analog outputs go up gradually at the same rate set by
DACRampRate bits. Please refer to Figure 7. The fade in and fade out feature
can be set or disabled by DACSoftRamp bit in the same register.
Mute Bit
Volume
Level
AOUT
The fade in and fade out feature is also available when AutoMute bit in DAC
Mute Control register (RAM address 0x08) is set to detect long stream of zero
input data.
Figure 7 Fade In/Out Diagram
Rev 3.0
April, 2006
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com