Electronic Components Datasheet Search
  English  ▼

X  

ES7322 Datasheet(PDF) 10 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES7322
Description  100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES7322 Datasheet(HTML) 10 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES7322 Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 10Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 11Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 12Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 13Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 14Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Everest Semiconductor
ES7322
8.3 ADC Control 2 – 0x02
Bit Name
Bit
Description
ADCSampleRate
7:6
00 – ADC speed mode auto detect (default)
01 –single speed mode
10 –double speed mode
11 –quad speed mode
ADCSPDataMode
5:3
000 – Left justified, up to 24 bit data
001 –
I2S, up to 24 bit data (default)
010 – Right justified, 16 bit data
011 – Reserved
100 – Reserved
101 – Right justified, 24 bit data
110 – Reserved
111 – Reserved
SCLKRatio
2:1
00 – 32
01 – 48
10 – 64 (default)
11 – 128
Reserved
0
Reserved
8.4 ADC Mute Control – 0x03
Bit Name
Bit
Description
ADCMute
7
0 – normal (default)
1 – mute ADC digital output
Reserved
6
Reserved
ADCRampRate 5:4 These bits define ADC gain control ramp rate:
00 – 0.5 dB per 4 LRCK (default)
01 – 0.5 dB per 8 LRCK
10 – 0.5 dB per 16 LRCK
11 – 0.5 dB per 32 LRCK
ADCL=R
3
0 – normal (default)
1 – both channel gain control is set by ADC Left Gain Control register
ADCSoftRamp
2
ADC soft ramp at mute or gain change:
0 – Disabled
1 – Enabled (default)
ADCZeroCrs
1
ADC mute or gain change at zero crossing signal level to minimize
audible noise
0 – Disabled
1 – Enabled (default)
Reserved
0
Reserved
Rev 3.0
April, 2006
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com