Electronic Components Datasheet Search
  English  ▼

X  

BMA220 Datasheet(PDF) 13 Page - Bosch Sensortec GmbH

Part # BMA220
Description  Digital, triaxial acceleration sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA220 Datasheet(HTML) 13 Page - Bosch Sensortec GmbH

Back Button BMA220 Datasheet HTML 9Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 10Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 11Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 12Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 13Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 14Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 15Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 16Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 17Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
BMA220
Data sheet
Bosch Sensortec
Rev. 1.10
Page 13
13 April 2011
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Document is not intended for publication.
4.2 Setting registers
4.2.1 Acceleration range and sensitivity setting
The BMA220 has four different range settings for the full scale acceleration range. In
dependence of the use case always the lowest full scale range with the maximum resolution
should be selected. Please refer to literature to find out, which full scale acceleration range,
which sensitivity or which resolution is the ideal one.
This can be configured via the register bits range[1:0] at address 0x11 (SPI) / 0x22 (SPI).
The following table shows the range bits with corresponding scale and resolution.
range[1:0] Full Scale
Sensitivity
Resolution
Example use case
‘00’
±2g
16 LSB / g
62.5mg / LSB
Orientation recognition
‘01’
±4g
8 LSB / g
125mg / LSB
‘10’
±8g
4 LSB / g
0.25g / LSB
Gaming
‘11’
±16g
2 LSB / g
0.5g / LSB
Shock vibration detection
Table 5: Acceleration resolution
4.2.2 Filter and bandwidth configuration
The BMA220 has a digital filter that can be configured by setting the corresponding register bits
filter_config[3:0] at address 0x10 (SPI) / 0x20 (I
2C). For compatibility reasons the settings
are defined based on BMA120. To always ensure an ideal cut off frequency of the filter the
BMA220 is adjusting the sample rate automatically.
filter_config[3:0]
0x5
0x4
0x3
0x2
0x1
0x0
digital filter cut-off frequency
32Hz
64Hz
125Hz
250Hz
500Hz
1kHz
Table 6: Digital filter configuration
The internal SC-filter has a fix cut-off frequency at 1 KHz. In addition to the internal SC-filter a
digital filter is available which is providing a filtered and an unfiltered data stream for all of the 3
axes of acceleration.
If application specific reasons require a bandwidth configuration <32Hz, please contact your
Bosch Sensortec representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com