Electronic Components Datasheet Search
  English  ▼

X  

BMA220 Datasheet(PDF) 39 Page - Bosch Sensortec GmbH

Part # BMA220
Description  Digital, triaxial acceleration sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA220 Datasheet(HTML) 39 Page - Bosch Sensortec GmbH

Back Button BMA220 Datasheet HTML 35Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 36Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 37Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 38Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 39Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 40Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 41Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 42Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 43Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
BMA220
Data sheet
Bosch Sensortec
Rev. 1.10
Page 39
13 April 2011
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Document is not intended for publication.
Bit1-7: Address AD(6:0).
Bit8-15: when in write mode, these are data SDI, which will be written into the address. When in
read mode, these are the data SDO, which are read from the address.
CSB
SCK
SDI
R/W AD6 AD5 AD4 AD3 AD2 AD1 AD0
DI5
DI4
DI3
DI2
DI1
DI0
DI7
DI6
SDO
tri-state
Z
Figure 15: 4-wire SPI write command
Write command is completed in 16 clock cycles. During the entire write cycle SDO remains in
high- impedance state.
CSB
SCK
SDI
R/W AD6 AD5 AD4 AD3 AD2 AD1 AD0
SDO
DO5 DO4 DO3 DO2 DO1 DO0
DO7 DO6
tri-state
Figure 16: 4-wire SPI read command
Read command is completed in 16 clock cycles or in multiple of 8 in case of multiple byte read.
In multiple-read cycle further blocks of 8 clock periods will be extended for each acknowledged
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com