Electronic Components Datasheet Search
  English  ▼

X  

BMA220 Datasheet(PDF) 34 Page - Bosch Sensortec GmbH

Part # BMA220
Description  Digital, triaxial acceleration sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA220 Datasheet(HTML) 34 Page - Bosch Sensortec GmbH

Back Button BMA220 Datasheet HTML 30Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 31Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 32Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 33Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 34Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 35Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 36Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 37Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 38Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
BMA220
Data sheet
Bosch Sensortec
Rev. 1.10
Page 34
13 April 2011
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Document is not intended for publication.
6.3 Low-power mode and suspend mode
The BMA220 is optimized for low power consumption. Note: Simply switching-off of the power
supplies (VDDD and/or VDDA) is not a defined low-power mode.
The deactivation of VDDD while VDDA is active (or vice versa) is not recommended for permanent
operation. With respect to the application it might be useful to switch-off VDDIO while VDDD and
VDDA are active. This condition is supported and will lead to a reduction of current consumption.
The sensor register map will be reset.
To reduce current consumption in a defined way, the BMA220 supports two energy saving
modes: a suspend mode and a low-power mode.
During normal mode operation, all analog modules are held powered-up and the clock for all
digital modules is active. During low-power mode, the analog modules in the rate channel are
held powered down and the clock of the digital rate, filter and trimming modules is gated. The
average typical current consumption during sleep phase (ilow_power_mode) can be estimated by the
following equation:
First approximation: isleep = isuspend
Ø typ.
awake
sleep
active
active
suspend
sleep
e
power
low
t
t
i
t
i
t
i
mod
_
_
For sleep phase time setting (tsleep) refer to chapter 4.1.2 table 3.
For approximate awake phase time (tawake) refer to chapter 4.1.3 table 4.
For current consumption in normal mode (iactive) refer to chapter 1.
For current consumption in suspend mode (isuspend) refer to chapter 1.
Example: Bandwidth (BW) = 1kHz, nominal supplies
 resulting awake phase for 1st data sample (tawake) = 1190μs = 1.190ms
 resulting sleep time (tsleep) = 50 ms
Ø typ.
µA
ms
ms
µA
ms
µA
ms
t
t
i
t
i
t
i
awake
sleep
active
active
suspend
sleep
e
power
low
8
,
6
190
,
1
50
250
190
,
1
1
50
mod
_
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com