Electronic Components Datasheet Search
  English  ▼

X  

BMA220 Datasheet(PDF) 29 Page - Bosch Sensortec GmbH

Part # BMA220
Description  Digital, triaxial acceleration sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA220 Datasheet(HTML) 29 Page - Bosch Sensortec GmbH

Back Button BMA220 Datasheet HTML 25Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 26Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 27Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 28Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 29Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 30Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 31Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 32Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 33Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
BMA220
Data sheet
Bosch Sensortec
Rev. 1.10
Page 29
13 April 2011
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Document is not intended for publication.
5.8 High-g detection
For indicating high-g events, an upper threshold can be programmed. The threshold high_th,
the hysteresis high_hy and the duration high_dur are defined analogously to the low-g interrupt.
The interrupt is generated if one of the three channels exceeds the threshold hight_th and does
not fall below hysteresis level high_th-high_hy for minimum number of data points (high_dur).
When the high-g interrupt is triggered, the signals of the axis that has triggered the interrupt
(high_first_x, high_first_y, high_first_z) and the signal of motion direction (high_sign) will be
stored in the corresponding status registers.
Name
Register
address
(SPI) *
Description
Number of bits
Reset-value
high_th
0x06[3:0] define the high-g threshold level
1 LSB is 2*(LSB of acc_data)
HIGH_TH_NUM
4
HIGH_TH_INIT
“1110”
high_hy
0x05[7:6] define the high-g hysteresis level
1 LSB is 2*(LSB of acc_data)
HIGH_HY_NUM
2
HIGH_HY_INIT
“01”
high_dur
0x05[5:0] define the number of measured signals
which has to be higher than
high_th+high_hy to set the interrupt
(max. 64)
HIGH_DUR_NUM
6
HIGH_DUR_INIT
“011111” (3F)
en_high_x
en_high_y
en_high_z
0x0E.2
0x0E.1
0x0E.0
enable high-g detection on x-axis
(0=disabled, 1=enabled)
enable high-g detection on x-axis
(0=disabled, 1=enabled)
enable high-g detection on x-axis
(0=disabled, 1=enabled)
3
“000”
high_int
0x0C.2
whether high-g interrupt has been
triggered (0=no, 1=yes)
1
‘0’
high_first_
x
high_first_
y
high_first_
z
whether x-axis has triggered the
interrupt (0=no, 1=yes)
whether y-axis has triggered the
interrupt (0=no, 1=yes)
whether z-axis has triggered the
interrupt (0=no, 1=yes)
3
“000”
high_sign
give the slope sign of the triggering
signal (0=positive, 1=negative)
1
‘0’
* For determining the corresponding I
2C register address, please refer to figure 2 in chapter 4 (memory map)
Table 13: Control and status register for high g detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com