Electronic Components Datasheet Search
  English  ▼

X  

BMA220 Datasheet(PDF) 21 Page - Bosch Sensortec GmbH

Part # BMA220
Description  Digital, triaxial acceleration sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA220 Datasheet(HTML) 21 Page - Bosch Sensortec GmbH

Back Button BMA220 Datasheet HTML 17Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 18Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 19Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 20Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 21Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 22Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 23Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 24Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 25Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
BMA220
Data sheet
Bosch Sensortec
Rev. 1.10
Page 21
13 April 2011
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Document is not intended for publication.
5.5 Tap sensing
Tap sensing has the same functionality as a common laptop touch-pad. If 2 taps occur within a
short time, a pre-defined action will be performed by the system. If time between 2 taps is too
long or too short no action happens.
When the serial interface is activated, tap sensing is enabled if any of the tap sensing enable
register bits are set (en_tt_x, en_tt_y, en_tt_z). To disable the tap sensing interrupt, clear all the
axis enable bits.
When the preset threshold tt_th is exceeded, a tap-shock is detected. The tap sensing interrupt
is generated only when a second tap is detected within a specified period of time.
The slope between two successive acceleration data has to exceed tt_th to detect a tap-shock.
The time difference between the two successive acceleration values depends on the bandwidth
of the low pass filter. It roughly corresponds to 1/(2*bandwidth).
The time delay tt_dur between two taps is typically between 12,5ms and 500ms. The threshold
is typically between 0.7g and 1.5g in 2g measurement range. Due to different coupling between
sensor and device shell (housing) and different measurement ranges of the sensor these
parameters are configurable.
The criteria for tap sensing are fulfilled and the interrupt is generated if the second tap occurs
after tap_quiet and within tt_dur. The tap sensing direction is determined by the 1st tap. During
tt_quiet period (30ms) no taps should occur. If a tap occurs during tap_quiet period it will be
connoted as new tap.
The slope detection interrupt logic stores the direction of the (first) tap-shock in a status register.
This register will be locked for tap_shock=50ms in order to prevent other slopes to overwrite this
information.
When a tap sensing interrupt is triggered, the signals of the axis that has triggered the interrupt
(tt_first_x, tt_first_y, tt_first_z) and the signal of motion direction (tt_sign) are stored in the
corresponding registers.
The axis on which the biggest slope occurs will trigger the first tap. The second tap will be
triggered by any axis (not necessarily same as the first tap).
The register tap_en defines whether single tap or double tap shall be detected.
In dedicated tap sensing mode, all three axes are enabled for double tap sensing detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com