Electronic Components Datasheet Search
  English  ▼

X  

BMA220 Datasheet(PDF) 24 Page - Bosch Sensortec GmbH

Part # BMA220
Description  Digital, triaxial acceleration sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA220 Datasheet(HTML) 24 Page - Bosch Sensortec GmbH

Back Button BMA220 Datasheet HTML 20Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 21Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 22Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 23Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 24Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 25Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 26Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 27Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 28Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
BMA220
Data sheet
Bosch Sensortec
Rev. 1.10
Page 24
13 April 2011
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Document is not intended for publication.
5.6 Orientation recognition
The orientation recognition feature informs on an orientation change of the sensor with respect
to the gravitational field vector g. The measured acceleration vector components with respect to
the gravitational field look as follows.
Figure 8: Definition of acceleration-vector components
g
x
z
y
[with respect to graviational field vector g (black dot = pin 1 identifier) ]
acc_x = 1g·sin·cos
acc_y = −1g·sin·sin
acc_z = 1g·cos
→ acc_y/acc_x = −tan
The output register is called orient and defined in the following way:
‘
0xx’ upward looking (z>0):
‘
000’ portrait upright (315°<
<45°)
→ |acc_y/acc_x|<1 && acc_x>0
‘
001’ portrait upside down (135°<
<225°)
→ |acc_y/acc_x|<1 && acc_x<0
‘
010’ landscape left (45°<
<135°)
→ |acc_y/acc_x|>1 && acc_y<0
‘
011’ landscape right (225°<
<315°)
→ |acc_y/acc_x|>1 && acc_y>0
‘
1xx’ downward looking (z<0), xx as before



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com