Electronic Components Datasheet Search
  English  ▼

X  

BMA220 Datasheet(PDF) 44 Page - Bosch Sensortec GmbH

Part # BMA220
Description  Digital, triaxial acceleration sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA220 Datasheet(HTML) 44 Page - Bosch Sensortec GmbH

Back Button BMA220 Datasheet HTML 40Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 41Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 42Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 43Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 44Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 45Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 46Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 47Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 48Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
BMA220
Data sheet
Bosch Sensortec
Rev. 1.10
Page 44
13 April 2011
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Document is not intended for publication.
SDA
SCK
Change of
data allowed
Data line
stable, data
valid
Tsudat
Thddat
Figure 21: Waveform diagram for one bit transfer with I²C interface
#
Parameter
Symbol
Min
Max
Units
1
DATA hold time
THDDAT
0
0.9
2
DATA setup time
TSUDAT
0.1
-
μs
Table 22: I²C data transfer timing
The first byte of data transmitted after start condition contains the 7-bit address of I²C slave. The
8th bit is an R/W bit which tells whether the master wants to read (R/W = 1) or write (R/W = 0)
data from/to the slave.
Once the slave is addressed, it sends a low active acknowledge bit and accepts the following
data transferred by master. Otherwise it aborts the current data transfer and waits for the start
condition of next data transmission.
I²C write command:
I²C write command only supports one byte writing. The protocol begins with start condition
generated by master, followed by 7bits slave address and a write bit (R/W = 0). The slave sends
an acknowledge bit (ACK = 0) and releases the bus. Then master sends the one byte register
address (only the first 7bits are the valid address bits, the LSB shall be ignored). The slave shall
again acknowledge the transmission and wait for the 8bits data which shall be written to the
specified register address. After slave acknowledges the data byte, master generates a stop
signal and terminates the writing protocol.
Data transferred by Master
Data transferred by Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com