Electronic Components Datasheet Search
  English  ▼

X  

BMA220 Datasheet(PDF) 14 Page - Bosch Sensortec GmbH

Part # BMA220
Description  Digital, triaxial acceleration sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA220 Datasheet(HTML) 14 Page - Bosch Sensortec GmbH

Back Button BMA220 Datasheet HTML 10Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 11Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 12Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 13Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 14Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 15Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 16Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 17Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 18Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
BMA220
Data sheet
Bosch Sensortec
Rev. 1.10
Page 14
13 April 2011
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Document is not intended for publication.
4.3 Data registers
4.3.1 Acceleration data read-out
The acceleration data can be read-out through addresses 0x02 (SPI) / 0x04 (I2C) through 0x04
(SPI) / 0x08 (I2C). The acceleration data is in 2’s complement according to the table below.
An efficient way to read out the acceleration data in I²C or SPI mode is the burst-accesses.
During such an access, the BMA220 automatically increments the read address after each byte.
By using this kind of access, the data transferred over the I²C bus can be reduced by up to 50%.
Decimal value Acceleration (in 2g range mode)
+ 31
+ 1.94g
…
…
0
0g
…
…
-32
- 2.0g
Table 7: Acceleration register content
Per default, the bandwidth of the data being read-out is limited by the internal low-pass filters
according to the filter configuration. However, it is possible to read-out data only 1st order filtered
(1 kHz) even though the internal filters are configured differently.
The reason for this feature is that the interrupt controller may operate on low-bandwidth data
while the external master still needs to operate on high-bandwidth data.
Unfiltered (1kHz high-bandwidth) data can be read-out through the serial interface when the
serial_high_bw bit is set to ‘1’. Per default, filtered data is read-out through the serial
interface.
4.3.2 Chip / revision ID
The chip ID and the revision ID can be read-out through addresses 0x00 (SPI & I2C) and 0x01
(SPI) / 0x02 (I2C).
Chip ID Revision ID
0xDD
0x00
Table 8: Chip and revision ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com