Electronic Components Datasheet Search
  English  ▼

X  

BMA220 Datasheet(PDF) 49 Page - Bosch Sensortec GmbH

Part # BMA220
Description  Digital, triaxial acceleration sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA220 Datasheet(HTML) 49 Page - Bosch Sensortec GmbH

Back Button BMA220 Datasheet HTML 45Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 46Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 47Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 48Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 49Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 50Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 51Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 52Page - Bosch Sensortec GmbH BMA220 Datasheet HTML 53Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
BMA220
Data sheet
Bosch Sensortec
Rev. 1.10
Page 49
13 April 2011
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Document is not intended for publication.
VDDIO
VDDD
VDDA
GND
GND
SDO
SDI
CSB
GND
C=100nF
C=100nF
digital + IO
1.8V
analog
1.8V
Setup 3
I²C / SPI
BMA220
(top view)
VDDIO
VDDD
VDDA
GND
GND
SDO
SDI
CSB
GND
C=100nF
C=100nF
digital + IO
1.8V
analog
1.8V
Setup 3
I²C / SPI
BMA220
(top view)
BMA220
(top view)
VDDIO
VDDD
VDDA
GND
GND
SDO
SDI
CSB
GND
C=100nF
C=100nF
IO
1.62-3.6V
analog + digital
1.8V
Setup 4
I²C / SPI
BMA220
(top view)
VDDIO
VDDD
VDDA
GND
GND
SDO
SDI
CSB
GND
C=100nF
C=100nF
IO
1.62-3.6V
analog + digital
1.8V
Setup 4
I²C / SPI
BMA220
(top view)
BMA220
(top view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com