Electronic Components Datasheet Search
  English  ▼

X  

DLP2000 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DLP2000
Description  DLP2000 (.2 nHD) DMD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2000 Datasheet(HTML) 18 Page - Texas Instruments

Back Button DLP2000 Datasheet HTML 14Page - Texas Instruments DLP2000 Datasheet HTML 15Page - Texas Instruments DLP2000 Datasheet HTML 16Page - Texas Instruments DLP2000 Datasheet HTML 17Page - Texas Instruments DLP2000 Datasheet HTML 18Page - Texas Instruments DLP2000 Datasheet HTML 19Page - Texas Instruments DLP2000 Datasheet HTML 20Page - Texas Instruments DLP2000 Datasheet HTML 21Page - Texas Instruments DLP2000 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
18
DLP2000
DLPS140 – APRIL 2019
www.ti.com
Product Folder Links: DLP2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Power Interface
For the DLP2000 DMD, the power management IC is the DLPA1000. This driver contains three regulated DC
supplies for the DMD reset circuitry: VBIAS, VRESET, and VOFFSET.
7.3.2 Control Serial Interface
The control serial interface handles instructions that configure the DMD and control reset operation. DRC_BUS is
the reset control serial bus, DRC_OEZ is the active low, output enable signal for internal reset driver circuitry,
DRC_STROBE rising edge latches in the control signals, and SAC_BUS is the stepped address control serial
bus.
7.3.3 High Speed Interface
The purpose of the high-speed interface is to transfer pixel data rapidly and efficiently, making use of high speed
DDR transfer and compression techniques to save power and time. The high speed interface is composed of
LVCMOS signal receivers for inputs and a dedicated clock.
7.3.4 Timing
The data sheet provides timing at the device pin. For output timing analysis, the tester pin electronics and its
transmission line effects must be taken into account. Figure 6 shows an equivalent test load circuit for the output
under test. The load capacitance value stated is only for characterization and measurement of AC timing signals.
This load capacitance value does not indicate the maximum load the device is capable of driving.
Timing reference loads are not intended as a precise representation of any particular system environment or
depiction of the actual load presented by a production test. System designers should use IBIS or other simulation
tools to correlate the timing reference load to a system environment. Refer to the Application and Implementation
section.
7.4 Device Functional Modes
DMD functional modes are controlled by the DLPC2607 controller. See the DLPC2607 controller data sheet or
contact a TI applications engineer.
7.5 Window Characteristics and Optics
7.5.1 Optical Interface and System Image Quality
TI assumes no responsibility for end-equipment optical performance. Achieving the desired end-equipment
optical performance involves making trade-offs between numerous components and system design parameters.
Optimizing system optical performance and image quality strongly relates to optical system design parameter
trades. Although it is not possible to anticipate every conceivable application, projector image quality and optical
performance depends on compliance with the optical system operating conditions described in the following
sections.
7.5.1.1 Numerical Aperture and Stray Light Control
The angle defined by the numerical aperture of the illumination and projection optics at the DMD optical area
should be the same. This angle should not exceed the nominal device mirror tilt angle unless appropriate
apertures are added in the illumination and/or projection pupils to block out flat-state and stray light from the
projection lens. The mirror tilt angle defines DMD capability to separate the "ON" optical path from any other light
path, including undesirable flat-state specular reflections from the DMD window, DMD border structures, or other
system surfaces near the DMD such as prism or lens surfaces. If the numerical aperture exceeds the mirror tilt
angle, or if the projection numerical aperture angle is more than two degrees larger than the illumination
numerical aperture angle, objectionable artifacts in the display’s border and/or active area could occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com