Electronic Components Datasheet Search
  English  ▼

X  

DLP2000 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DLP2000
Description  DLP2000 (.2 nHD) DMD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2000 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLP2000 Datasheet HTML 17Page - Texas Instruments DLP2000 Datasheet HTML 18Page - Texas Instruments DLP2000 Datasheet HTML 19Page - Texas Instruments DLP2000 Datasheet HTML 20Page - Texas Instruments DLP2000 Datasheet HTML 21Page - Texas Instruments DLP2000 Datasheet HTML 22Page - Texas Instruments DLP2000 Datasheet HTML 23Page - Texas Instruments DLP2000 Datasheet HTML 24Page - Texas Instruments DLP2000 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
21
DLP2000
www.ti.com
DLPS140 – APRIL 2019
Product Folder Links: DLP2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Micromirror Landed-On/Landed-Off Duty Cycle (continued)
7.7.4 Estimating the Long-Term Average Landed Duty Cycle of a Product or Application
During a given period of time, the Landed Duty Cycle of a given pixel follows from the image content being
displayed by that pixel.
For example, in the simplest case, when displaying pure-white on a given pixel for a given time period, that pixel
will experience a 100/0 Landed Duty Cycle during that time period. Likewise, when displaying pure-black, the
pixel will experience a 0/100 Landed Duty Cycle.
Between the two extremes (ignoring for the moment color and any image processing that may be applied to an
incoming image), the Landed Duty Cycle tracks one-to-one with the gray scale value, as shown in Table 2.
Table 2. Grayscale Value and
Landed Duty Cycle
Grayscale Value
Landed Duty
Cycle
0%
0/100
10%
10/90
20%
20/80
30%
30/70
40%
40/60
50%
50/50
60%
60/40
70%
70/30
80%
80/20
90%
90/10
100%
100/0
Accounting for color rendition (but still ignoring image processing) requires knowing both the color intensity (from
0% to 100%) for each constituent primary color (red, green, and/or blue) for the given pixel as well as the color
cycle time for each primary color, where “color cycle time” is the total percentage of the frame time that a given
primary must be displayed in order to achieve the desired white point.
During a given period of time, the landed duty cycle of a given pixel can be calculated as follows:
Landed Duty Cycle = (Red_Cycle_% × Red_Scale_Value) + (Green_Cycle_% × Green_Scale_Value) + (Blue_Cycle_% ×
Blue_Scale_Value)
where
•
Red_Cycle_%, Green_Cycle_%, and Blue_Cycle_% represent the percentage of the frame time that Red, Green,
and Blue are displayed (respectively) to achieve the desired white point.
(4)
For example, assume that the red, green and blue color cycle times are 50%, 20%, and 30% respectively (in
order to achieve the desired white point), then the Landed Duty Cycle for various combinations of red, green,
blue color intensities would be as shown in Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com