Electronic Components Datasheet Search
  English  ▼

X  

DLP2000 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DLP2000
Description  DLP2000 (.2 nHD) DMD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2000 Datasheet(HTML) 33 Page - Texas Instruments

Back Button DLP2000 Datasheet HTML 29Page - Texas Instruments DLP2000 Datasheet HTML 30Page - Texas Instruments DLP2000 Datasheet HTML 31Page - Texas Instruments DLP2000 Datasheet HTML 32Page - Texas Instruments DLP2000 Datasheet HTML 33Page - Texas Instruments DLP2000 Datasheet HTML 34Page - Texas Instruments DLP2000 Datasheet HTML 35Page - Texas Instruments DLP2000 Datasheet HTML 36Page - Texas Instruments DLP2000 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
SECTION A-A
NOTCH OFFSETS
2
1
3
4
5
6
7
8
D
C
B
A
DWG NO.
SH
8
7
6
5
4
3
1
D
C
B
A
INV11-2006a
2510560
1
TITLE
SIZE
DWG NO
REV
SCALE
SHEET
OF
DATE
ENGINEER
QA/CE
CM
APPROVED
DRAWN
I NSTRUMENTS
Dallas Texas
APPLICATION
NEXT ASSY
USED ON
THIRD ANGLE
PROJECTION
TEXAS
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETERS
TOLERANCES:
ANGLES
1
2 PLACE DECIMALS
0.25
1 PLACE DECIMALS
0.50
DIMENSIONAL LIMITS APPLY BEFORE PROCESSES
INTERPRET DIMENSIONS IN ACCORDANCE WITH ASME
Y14.5M-1994
REMOVE ALL BURRS AND SHARP EDGES
PARENTHETICAL INFORMATION FOR REFERENCE ONLY
ICD, MECHANICAL, DMD,
.2 nHD DDR SERIES 230
(FQC PACKAGE)
2510560
1
3
D
D
8/3/2009
25:1
P. KONRAD
F. ARMSTRONG
8/3/2009
8/3/2009
8/3/2009
NONE
0314DA
B. HASKETT
NOTES UNLESS OTHERWISE SPECIFIED:
REVISIONS
COPYRIGHT 2009 TEXAS INSTRUMENTS
UN-PUBLISHED, ALL RIGHTS RESERVED.
C
B. HASKETT
J. GRIMMETT
8/3/2009
A
A
F
F
REV
DESCRIPTION
DATE
BY
A
ECO 2100735 INITIAL RELEASE
8/3/09
BMH
B
ECO 2102356 ADD DATUM E AND NOTE 9; UPDATE
SOLDER APPEARANCE; TIGHTEN NOTCH X-AXIS TOL'S
10/22/09
BMH
C
ECO 2104056 CHG ENCAP MAX HEIGHT FROM TBD TO ZERO
1/4/10
BMH
D
ECO 2166625 ADD "FQC PACKAGE" TO DRAWING TITLE;
SHOW APERTURE CORNER RADII PICTORIALLY
5/30/17
BMH
5
90°
1°
2.485 - 0.1
0.2
+
5
5
4.97 - 0.075
0.275
+
12.32
0.08
0.8 - 0.1
0.2
+
14.12 - 0.1
0.3
+
5
5
(1)
1.235 - 0.1
0.2
+
2X
2.5
0.075
2X
0.703
0.057
0.78
0.063
1.2
0.1
(1.483)
6
D
ACTIVE ARRAY
9
(PANASONIC AXT642124DD1, 42-CONTACT,
0.4 mm PITCH BOARD-TO-BOARD HEADER)
INTERFACE TO PANASONIC AXT542124DD1 SOCKET
A
3 SURFACES INDICATED
IN VIEW B (SHEET 2)
(ILLUMINATION
DIRECTION)
0.05
0.038 A
0.02 D
DIE PARALLELISM TOLERANCE APPLIES TO DMD ACTIVE ARRAY ONLY.
ROTATION ANGLE OF DMD ACTIVE ARRAY IS A REFINEMENT OF THE LOCATION
TOLERANCE AND HAS A MAXIMUM ALLOWED VALUE OF 0.6 DEGREES.
BOUNDARY MIRRORS SURROUNDING THE DMD ACTIVE ARRAY.
DMD MARKING TO APPEAR IN CONNECTOR RECESS.
NOTCH DIMENSIONS ARE DEFINED BY UPPERMOST LAYERS OF CERAMIC,
AS SHOWN IN SECTION A-A.
ENCAPSULANT TO BE CONTAINED WITHIN DIMENSIONS SHOWN IN VIEW C
(SHEET 2). NO ENCAPSULANT IS ALLOWED ON TOP OF THE WINDOW.
ENCAPSULANT NOT TO EXCEED THE HEIGHT OF THE WINDOW.
DATUM B IS DEFINED BY A DIA. 2.5 PIN, WITH A FLAT ON THE SIDE FACING
TOWARD THE CENTER OF THE ACTIVE ARRAY, AS SHOWN IN VIEW B (SHEET 2).
WHILE ONLY THE THREE DATUM A TARGET AREAS A1, A2, AND A3 ARE USED
FOR MEASUREMENT, ALL 4 CORNERS SHOULD BE CONTACTED, INCLUDING E1,
TO SUPPORT MECHANICAL LOADS.
1
2
3
4
5
6
(SHEET 3)
(SHEET 3)
7
0.2
R
0.05
4X
5
0.4
R
0.1
4X
0.35 MIN.
TYP.
0 MIN. TYP.
( 2.5)
B
C
5
5
1.176
0.05
5
(0.88)
0.4
0.03
(2.5)
5
7
8
8
9
9
1
2X ENCAPSULANT
DLP2000
www.ti.com
DLPS140 – APRIL 2019
33
Product Folder Links: DLP2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com